Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C65630 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C65630
Description  EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65630 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C65630 Datasheet HTML 1Page - Cypress Semiconductor CY7C65630 Datasheet HTML 2Page - Cypress Semiconductor CY7C65630 Datasheet HTML 3Page - Cypress Semiconductor CY7C65630 Datasheet HTML 4Page - Cypress Semiconductor CY7C65630 Datasheet HTML 5Page - Cypress Semiconductor CY7C65630 Datasheet HTML 6Page - Cypress Semiconductor CY7C65630 Datasheet HTML 7Page - Cypress Semiconductor CY7C65630 Datasheet HTML 8Page - Cypress Semiconductor CY7C65630 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
EZ-USB HX2LP™
Low-Power USB 2.0 Hub Controller Family
CY7C656xx
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-08037 Rev. *J
Revised April 14, 2008
Features
USB 2.0 hub controller
Automotive AEC grade option (–40 - 85C)
Compliant with the USB 2.0 specification
USB-IF Certified: TID# 30000009
Windows Hardware Quality Lab (WHQL) - compliant
Up to four downstream ports supported
Supports bus powered and self powered modes
Single Transaction Translator (TT)
Bus power configurations
Fit/form/function compatible with CY7C65640 and
CY7C65640A (TetraHub™)
Space saving 56-pin QFN
Single power supply requirement
Internal regulator for reduced cost
Integrated upstream pull up resistor
Integrated pull down resistors for all downstream ports
Integrated upstream and downstream termination resistors
Integrated port status indicator control
24 MHz external crystal (integrated PLL)
In-system EEPROM programming
Configurable with external SPI EEPROM:
Vendor ID, Product ID, Device ID (VID/PID/DID)
Number of active ports
Number of removable ports
Maximum power setting for high-speed and full-speed
Hub controller power setting
Power on timer
Overcurrent detection mode
Enabled/disabled overcurrent timer
Overcurrent pin polarity
Indicator pin polarity
Compound device
Enable full-speed only
Disable port indicators
Ganged power switching
Self and bus powered compatibility
Fully configurable string descriptors for multiple language
support
Routing Logic
Hub Repeater
USB Upstream Port
USB 2.0 PHY
PLL
Serial
Interface
Engine
High-Speed
USB Control Logic
SPI Communication
Block
USB Downstream Port 1
USB 2.0
PHY
Port Power
Control
Port
Status
USB Downstream Port 2
USB 2.0
PHY
Port Power
Control
Port
Status
USB Downstream Port 3
USB 2.0
PHY
Port Power
Control
Port
Status
USB Downstream Port 4
USB 2.0
PHY
Port Power
Control
Port
Status
SPI_SCK
SPI_CS
SPI_SD
D+
D-
PWR#[4]
OVR#[4]
LED
D+
D-
PWR#[3]
OVR#[3]
LED
D+
D- PWR#[2]
OVR#[2]
LED
D+
D-
PWR#[1]
OVR#[1]
LED
Transaction Translator
TT RAM
D+
D -
24 MHz
Crystal
Block Diagram
CY7C65630
[+] Feedback


Similar Part No. - CY7C65630

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65630 CYPRESS-CY7C65630 Datasheet
170Kb / 2P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C65630 CYPRESS-CY7C65630 Datasheet
411Kb / 30P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65630-56LFXA CYPRESS-CY7C65630-56LFXA Datasheet
544Kb / 24P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C65630-56LFXA CYPRESS-CY7C65630-56LFXA Datasheet
553Kb / 25P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65630-56LFXA CYPRESS-CY7C65630-56LFXA Datasheet
581Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
More results

Similar Description - CY7C65630

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C656XX CYPRESS-CY7C656XX Datasheet
544Kb / 24P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_09 Datasheet
553Kb / 25P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_13 Datasheet
411Kb / 30P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_11 Datasheet
581Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620_1105 CYPRESS-CY7C65620_1105 Datasheet
403Kb / 29P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_12 Datasheet
395Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620 Datasheet
170Kb / 2P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C65621 CYPRESS-CY7C65621_11 Datasheet
583Kb / 27P
   EZ-USB HX2LP Lite??Low Power USB 2.0 Hub Controller Family
CY7C65621 CYPRESS-CY7C65621 Datasheet
532Kb / 24P
   EZ-USB HX2LP Lite Low Power USB 2.0 Hub Controller Family
logo
GENESYS LOGIC
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
   USB 2.0 Low-Power HUB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com