|
| 1N4728A |
|
||
|
RENESAS |
|
3 page
1N4728A through 1N4753A REJ03G1221-0500 Rev.5.00 Nov 13, 2007 Page 3 of 5 Main Characteristic 100 80 60 40 20 0 10 20 30 40 0 10203040 10 0 −10 −20 −30 −40 −50 0.10 0.08 0.06 0.04 0.02 0 20 30 40 50 %/ °C mV/ °C 1.0 0.8 0.6 0.4 0.2 200 150 100 50 0 0 10mm land 10 mm or 20mm Printed circuit board 100 180 1.6t mm Material: Glass epoxy × × 3/8inch 20mm land Zener Voltage VZ (V) Fig.2 Temperature Coefficient vs. Zener voltage −0.06 −0.04 −0.02 Fig.2 Power Dissipation vs. Ambient Temperature Ambient Temperature Ta ( °C) Zener Voltage VZ (V) Fig.1 Zener current vs. Zener voltage −0.08 −0.1 0 |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HZ2 | Silicon Planar Zener Diode for Stabilized Power Supply | 1 2 3 4 5 More | Renesas Technology Corp |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| ZPD1_07 | Silicon Planar Zener Diodes | 1 2 | Diotec Semiconductor |
| ZMM55C | 0.5W SILICON PLANAR ZENER DIODES | 1 2 3 | Daesan Electronics Corp. |
| 2BZX84C3V0_07 | Surface mount Silicon Planar Dual Zener Diodes | 1 2 | Diotec Semiconductor |
| MM3Z2V4_07 | Surface mount Silicon Planar Zener Diodes | 1 2 | Diotec Semiconductor |
| ZMM3B9 | Surface mount Silicon Planar Zener Diodes | 1 2 | Diotec Semiconductor |
| 1N5223B | SILICON PLANAR ZENER DIODES | 1 2 3 4 5 | Continental Device India Limited |
| LA5797M | Monolithic Linear IC For Variable Capacitance Diodes Charge Pump Step-up Power Supply | 1 2 3 4 | Sanyo Semicon Device |
| MMSZ5225B_07 | Surface mount Silicon Planar Zener Diodes | 1 2 | Diotec Semiconductor |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |