Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5224B Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 1N5224B
Description  Silicon Epitaxial Planar Zener Diodes for Voltage Regulation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1N5224B Datasheet(HTML) 4 Page - Renesas Technology Corp

  1N5224B Datasheet HTML 1Page - Renesas Technology Corp 1N5224B Datasheet HTML 2Page - Renesas Technology Corp 1N5224B Datasheet HTML 3Page - Renesas Technology Corp 1N5224B Datasheet HTML 4Page - Renesas Technology Corp 1N5224B Datasheet HTML 5Page - Renesas Technology Corp 1N5224B Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1N5223B through 1N5258B
Rev.3.00 Aug 22, 2005 page 4 of 5
Main Characteristic
25
20
15
10
5
0
4
08
12
16
20
24
28
32
40
36
500
400
300
200
100
200
150
100
50
0
0
2.5mm
3mm
Printed circuit board
100
180
1.6t mm
Material: paper phenol
×
×
5mm
Ambient Temperature Ta (
°C)
Fig.2 Power Dissipation vs. Ambient Temperature
Zener Voltage VZ (V)
Fig.1 Zener current vs. Zener voltage


Similar Part No. - 1N5224B

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
1N5224B TGS-1N5224B Datasheet
264Kb / 3P
   Zener diode
logo
Vishay Siliconix
1N5224B VISHAY-1N5224B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5224B MCC-1N5224B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Vishay Siliconix
1N5224B VISHAY-1N5224B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
logo
Fairchild Semiconductor
1N5224B FAIRCHILD-1N5224B Datasheet
193Kb / 4P
   Zeners
More results

Similar Description - 1N5224B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HZ-P HITACHI-HZ-P Datasheet
46Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
logo
Renesas Technology Corp
HZ-P RENESAS-HZ-P Datasheet
73Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
logo
Hitachi Semiconductor
HZ12BP HITACHI-HZ12BP Datasheet
48Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller & Voltage Limitter
logo
KEC(Korea Electronics)
KDZ20EV KEC-KDZ20EV Datasheet
96Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE(CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
Z02W20V KEC-Z02W20V Datasheet
236Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE (CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
logo
Renesas Technology Corp
HZU10 RENESAS-HZU10 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com