Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3115ALA300 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM3115ALA300
Description  1.5A Low Voltage-Low Dropout CMOS Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3115ALA300 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM3115ALA300 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3115ALA300 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3115ALA300 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3115ALA300 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3115ALA300 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3115ALA300 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3115ALA300 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3115ALA300 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3115ALA300 Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
4. Quiescent Current vs Input Voltage
40
50
60
70
80
90
100
1.8
2.1
2.4
2.7
3
3.3
3.6
Input Voltage(V)
Io=0mA,TA=85
Io=0mA,TA=25
7. Ground Current vs Input Voltage
20
40
60
80
100
120
140
1.8
2.1
2.4
2.7
3
3.3
3.6
Input Voltage(V)
Io=1.5A
Io=10mA
Io=500mA
6. Ground Current vs Output Current
0
20
40
60
80
100
120
140
0
300
600
900
1200
1500
Output Current(mA)
VIN=3.3V
VIN=2.5V
VIN=2.0V
5. Quiescent Current vs Temperature
65
70
75
80
85
90
0
30
60
90
120
150
Temperature(
℃)
VIN=2.5V
VIN=3.3V
8. Dropout Voltage vs Output Current
0
50
100
150
200
250
300
350
0
300
600
900
1200
1500
Dropout Voltage(V)
Vo=0.9V
Vo=1.5V
Vo=2.5V
9. Dropout Voltage vs Temperature
0
50
100
150
200
250
300
350
400
450
0
30
60
90
120
150
Temperature(
℃)
Vo=0.9V
Vo=1.5V
Vo=2.5V
Typical Performance Characteristics(continued)
08/2007
PAM3115
1.5A Low Voltage-Low Dropout CMOS Regulator
,
Power Analog Microelectronics Inc
www.poweranalog.com


Similar Part No. - PAM3115ALA300

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3110 PAM-PAM3110 Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA120R PAM-PAM3110ABA120R Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA150R PAM-PAM3110ABA150R Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA180R PAM-PAM3110ABA180R Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA250R PAM-PAM3110ABA250R Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
More results

Similar Description - PAM3115ALA300

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP2162 FOSLINK-FSP2162 Datasheet
237Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2160 FOSLINK-FSP2160 Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2161 FOSLINK-FSP2161 Datasheet
255Kb / 12P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
logo
GTM CORPORATION
GL2138 GTM-GL2138 Datasheet
432Kb / 5P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2118 GTM-GSC2118 Datasheet
543Kb / 7P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Power Analog Micoelectr...
PAM3110 PAM-PAM3110 Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3116 PAM-PAM3116 Datasheet
322Kb / 11P
   1.5A Low Dropout Voltage CMOS Regulator
logo
GTM CORPORATION
G5U2188 GTM-G5U2188 Datasheet
540Kb / 7P
   1.5A CMOS Low Dropout Voltage Regulator
GSCLP2951 GTM-GSCLP2951 Datasheet
225Kb / 4P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GL2148 GTM-GL2148 Datasheet
436Kb / 5P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com