Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3115ALA330 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM3115ALA330
Description  1.5A Low Voltage-Low Dropout CMOS Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3115ALA330 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM3115ALA330 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3115ALA330 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3115ALA330 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3115ALA330 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3115ALA330 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3115ALA330 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3115ALA330 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3115ALA330 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3115ALA330 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Characteristic
V
V
C, C =4.7uF, C =2.2uF, unless otherwise noted.
IN
O
IN
O
O
A
=
+0.5V, T =25
4
08/2007
PAM3115
1.5A Low Voltage-Low Dropout CMOS Regulator
Parameters
Symbol Test Conditions
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
Note 1
3.6
V
Output Voltage Accuracy
VO
IO=100mA
-2
2
%
Vo=0.9V
330
500
Vo=1.0V
220
400
2.5V
>Vo≥1.2V
50
200
IO=500mA
Vo
≥2.5V
40
150
Vo=0.9V
330
500
Vo=1.0V
220
400
2.5V>Vo
≥1.2V
150
350
Dropout Voltage
VDROP
IO=1.5A
Vo
≥2.5V
120
300
mV
Short Circuit Current
ISC
Vo < 0.3V
1.0
A
Quiescent Current
IQ
Io=0mA
90
150
uA
Ground Pin Current
IGND
Io=1mA to 1.5A
600
uA
VO
≤2.5V,Io=10mA
VIN =Vo+0.5V to Vo+1.5V
Line Regulation
LNR
VO
>2.5V,IO=10mA
VIN =3.3V to 3.6V
0.5
1
%/V
Load Regulation
LDR
IO=1mA to 1.5A
0.5
2
%/A
Over Temperature Shutdown
OTS
150
Over Temperature Hysteresis
OTH
50
Temperature Coefficient
TC
40
ppm/
f=100Hz
55
f=1KHz
55
Power Supply Ripple
Rejection
PSRR
IO =100mA,
VO=1.5V
f=10KHz
35
dB
Output Noise
Vn
f=10Hz to 100kHz
40
uVrms
Note1: The minimum input voltage (V
) of the PAM3115 is determined by output voltage and dropout
voltage. The minimum input voltage is defined as:
V=V +V
IN(MIN)
IN(MIN)
O
drop
,
Power Analog Microelectronics Inc
www.poweranalog.com


Similar Part No. - PAM3115ALA330

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3110 PAM-PAM3110 Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA120R PAM-PAM3110ABA120R Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA150R PAM-PAM3110ABA150R Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA180R PAM-PAM3110ABA180R Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA250R PAM-PAM3110ABA250R Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
More results

Similar Description - PAM3115ALA330

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP2162 FOSLINK-FSP2162 Datasheet
237Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2160 FOSLINK-FSP2160 Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2161 FOSLINK-FSP2161 Datasheet
255Kb / 12P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
logo
GTM CORPORATION
GL2138 GTM-GL2138 Datasheet
432Kb / 5P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2118 GTM-GSC2118 Datasheet
543Kb / 7P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Power Analog Micoelectr...
PAM3110 PAM-PAM3110 Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3116 PAM-PAM3116 Datasheet
322Kb / 11P
   1.5A Low Dropout Voltage CMOS Regulator
logo
GTM CORPORATION
G5U2188 GTM-G5U2188 Datasheet
540Kb / 7P
   1.5A CMOS Low Dropout Voltage Regulator
GSCLP2951 GTM-GSCLP2951 Datasheet
225Kb / 4P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GL2148 GTM-GL2148 Datasheet
436Kb / 5P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com