Part Name
         Description
1SS270

 Silicon Epitaxial Planar Diode for High Speed Switching ( 5 Page)


RENESAS
100% 
Zoom Out Zoom In
   
 3 page
background image
1SS270
REJ03G0566-0400 Rev.4.00 Sep 29, 2008
Page 3 of 4
Main Characteristic
0
0.2
0.8
10
–4
10
–2
10
–3
0.6
1.0
0.4
10
–1
1.2
1.0
10
10
1.0
0.1
100
f=1MHz
010
30
40
20
50
10
–5
10
–6
10
–4
10
–7
10
–8
10
–9
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
Fig.1 Forward current vs. Forward voltage
Forward voltage VF (V)
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
1  2  3  4  5 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
1S2074Silicon Epitaxial Planar Diode for High Speed Switching 1 2 3 4 5 Renesas Technology Corp
1S2075Silicon Epitaxial Planar Diode for High Speed Switching 1 2 3 4 5 Renesas Technology Corp
1S2076ASilicon Epitaxial Planar Diode for High Speed Switching 1 2 3 4 5 Renesas Technology Corp
1SS119Silicon Epitaxial Planar Diode for High Speed Switching 1 2 3 4 5 Renesas Technology Corp
1SS84Silicon Epitaxial Planar Diode for High Speed Switching 1 2 3 Hitachi Semiconductor
HSD119Silicon Epitaxial Planar Diode for High Speed Switching 1 2 3 4 5 Renesas Technology Corp
HSM2836CSilicon Epitaxial Planar Diode for High Speed Switching 1 2 3 4 5 Renesas Technology Corp

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl