Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1085DTZ-E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SA1085DTZ-E
Description  Silicon PNP Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1085DTZ-E Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SA1085DTZ-E Datasheet HTML 1Page - Renesas Technology Corp 2SA1085DTZ-E Datasheet HTML 2Page - Renesas Technology Corp 2SA1085DTZ-E Datasheet HTML 3Page - Renesas Technology Corp 2SA1085DTZ-E Datasheet HTML 4Page - Renesas Technology Corp 2SA1085DTZ-E Datasheet HTML 5Page - Renesas Technology Corp 2SA1085DTZ-E Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SA1084, 2SA1085
Rev.3.00 Aug 10, 2005 page 4 of 5
Base to Emitter Saturation Voltage
vs. Collector Current
–10
–5
–2
–1.0
–0.5
–0.2
–0.1
–1
–5
–2
–20
–100
–10
–50
Collector Current IC (mA)
IC = 10 IB
Gain Bandwidth Product vs.
Collector Current
2,000
1,000
500
200
100
50
20
–1
–5
–20
–100
–2
–10
–50
Collector Current IC (mA)
VCE = –12 V
Collector Output Capacitance vs.
Collector to Base Voltage
100
50
20
10
5
2
1
–0.5
–2
–10
–50
–1.0
–5
–20
Collector to Base Voltage VCB (V)
IE = 0
f = 1 MHz
Contours of Constant Noise Figure (1)
100
30
10
3
1.0
0.3
0.1
0.03
10
6
2
1
4
0.01
–0.01
–0.1
–1.0
–10
–100
–0.03
–0.3
–3
–30
Collector Current IC (mA)
NF = 0.5 dB
VCE = –6 V
f = 1 kHz
Contours of Constant Noise Figure (2)
100
30
10
3
1.0
0.3
0.1
0.03
10
2 4 6
1
0.01
–0.01
–0.1
–1.0
–10
–100
–0.03
–0.3
–3
–30
Collector Current IC (mA)
NF = 0.5 dB
VCE = –6 V
f = 120 Hz
Collector Current IC (mA)
Contours of Constant Noise Figure (3)
100
30
10
3
1.0
0.3
0.1
0.03
1
0.01
–0.01
–0.1
–1.0
–10
–100
–0.03
–0.3
–3
–30
VCE = –6 V
f = 10 Hz
2
4 6 10
NF = 0.5 dB


Similar Part No. - 2SA1085DTZ-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1085 HITACHI-2SA1085 Datasheet
41Kb / 8P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA1085 RENESAS-2SA1085 Datasheet
162Kb / 9P
   Silicon PNP Epitaxial
More results

Similar Description - 2SA1085DTZ-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com