Electronic Components Datasheet Search |
|
HN58W241000I Datasheet(PDF) 1 Page - Renesas Technology Corp |
|
HN58W241000I Datasheet(HTML) 1 Page - Renesas Technology Corp |
1 / 20 page Rev.3.00, Jul.12.2005, page 1 of 18 HN58W241000I Two-wire serial interface 1M EEPROM (128-kword × 8-bit) REJ03C0138-0300 Rev.3.00 Jul.12.2005 Description HN58W241000I is the two-wire serial interface EEPROM (Electrically Erasable and Programmable ROM). It realizes high speed, low power consumption and a high level of reliability by employing advanced MNOS memory technology and CMOS process and low voltage circuitry technology. It also has a 256-byte page programming function to make it’s write operation faster. Note: Renesas Technology’s serial EEPROM are authorized for using consumer applications such as cellular phone, camcorders, audio equipment. Therefore, please contact Renesas Technology’s sales office before using industrial applications such as automotive systems, embedded controllers, and meters. Features • Single supply: 2.5 V to 3.6 V • Two-wire serial interface (I2CTM serial bus*1) • Clock frequency: 1 MHz • Power dissipation: Standby: 1 µA (max) Active (Read): 1 mA (max) Active (Write): 4 mA (max) • Automatic page write: 256-byte/page • Write cycle time: 5.0 ms (max) • Endurance: 105 Cycles • Data retention: 10 Years • Small size packages: SOP-8pin (200 mil-wide) • Shipping tape and reel: 1,500 IC/reel • Temperature range: −40 to +85°C • Lead free products. Note: 1. I 2C is a trademark of Philips Corporation. Ordering Information Type No. Internal organization Operating voltage Frequency Package HN58W241000FPIE 1M bit (131,072 × 8-bit) 2.5 V to 3.6 V 1 MHz 200 mil 8-pin plastic SOP PRSP0008DG-B (FP-8DFV) Lead free |
Similar Part No. - HN58W241000I_05 |
|
Similar Description - HN58W241000I_05 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |