Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X2408 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HN58X2408
Description  Two-wire serial interface 8k EEPROM (1-kword8-bit)/16k EEPROM (2-kword8-bit) 32k EEPROM (4-kword8-bit)/64k EEPROM (8-kword8-bit)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2408 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HN58X2408 Datasheet HTML 6Page - Renesas Technology Corp HN58X2408 Datasheet HTML 7Page - Renesas Technology Corp HN58X2408 Datasheet HTML 8Page - Renesas Technology Corp HN58X2408 Datasheet HTML 9Page - Renesas Technology Corp HN58X2408 Datasheet HTML 10Page - Renesas Technology Corp HN58X2408 Datasheet HTML 11Page - Renesas Technology Corp HN58X2408 Datasheet HTML 12Page - Renesas Technology Corp HN58X2408 Datasheet HTML 13Page - Renesas Technology Corp HN58X2408 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
HN58X2408/HN58X2416/HN58X2432/HN58X2464FPIAG
Rev.3.00, Dec.21.2004, page 10 of 19
Acknowledge
All addresses and data words are serially transmitted to and from in 8-bit words. The receiver sends a zero
to acknowledge that it has received each word. This happens during ninth clock cycle. The transmitter
keeps bus open to receive acknowledgment from the receiver at the ninth clock. In the write operation,
EEPROM sends a zero to acknowledge after receiving every 8-bit words. In the read operation, EEPROM
sends a zero to acknowledge after receiving the device address word. After sending read data, the
EEPROM waits acknowledgment by keeping bus open. If the EEPROM receives zero as an acknowledge,
it sends read data of next address. If the EEPROM receives acknowledgment "1" (no acknowledgment)
and a following stop condition, it stops the read operation and enters a stand-by mode. If the EEPROM
receives neither acknowledgment "0" nor a stop condition, the EEPROM keeps bus open without sending
read data.
Acknowledge Timing Waveform
SCL
SDA IN
SDA OUT
12
8
9
Acknowledge
out


Similar Part No. - HN58X2408

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2408 HITACHI-HN58X2408 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
HN58X2408-SR HITACHI-HN58X2408-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
HN58X2408FP HITACHI-HN58X2408FP Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
HN58X2408FP-SR HITACHI-HN58X2408FP-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
HN58X2408FPI HITACHI-HN58X2408FPI Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
More results

Similar Description - HN58X2408

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2408I RENESAS-HN58X2408I Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
R1EV58064BXXN RENESAS-R1EV58064BXXN Datasheet
691Kb / 25P
   64K EEPROM (8-Kword 횞 8-bit)
HN58X24128I RENESAS-HN58X24128I Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASA00A RENESAS-R1EX24064ASA00A Datasheet
171Kb / 22P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_15 Datasheet
825Kb / 26P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASA00I RENESAS-R1EX24064ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com