Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB739CTZ-E Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SB739CTZ-E
Description  Silicon PNP Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SB739CTZ-E Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SB739CTZ-E Datasheet HTML 1Page - Renesas Technology Corp 2SB739CTZ-E Datasheet HTML 2Page - Renesas Technology Corp 2SB739CTZ-E Datasheet HTML 3Page - Renesas Technology Corp 2SB739CTZ-E Datasheet HTML 4Page - Renesas Technology Corp 2SB739CTZ-E Datasheet HTML 5Page - Renesas Technology Corp 2SB739CTZ-E Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SB739
Rev.2.00 Aug 10, 2005 page 2 of 5
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown voltage
V(BR)CBO
–20
V
IC = –10
µA, IE = 0
Collector to emitter breakdown voltage
V(BR)CEO
–20
V
IC = –1 mA, RBE =
Emitter to base breakdown voltage
V(BR)EBO
–6
V
IE = –10
µA, IC = 0
Collector cutoff current
ICBO
–2
µA
VCB = –16 V, IE = 0
Emitter cutoff current
IEBO
–0.2
µA
VEB = –6 V, IC = 0
DC current transfer ratio
hFE
160
320
VCE = –2 V, IC = –0.1 A
Collector to emitter saturation voltage
VCE(sat)
–0.3
V
IC = –1 A, IB = –0.1 A
Gain bandwidth product
fT
150
MHz
VCE = –2 V, IC = –10 mA
Collector output capacitance
Cob
50
pF
VCB = –10 V, IE = 0,
f = 1 MHz


Similar Part No. - 2SB739CTZ-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB739 HITACHI-2SB739 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
logo
Foshan Blue Rocket Elec...
2SB739 FOSHAN-2SB739 Datasheet
776Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
More results

Similar Description - 2SB739CTZ-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com