Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8303DASC Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM8303DASC
Description  Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8303DASC Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM8303DASC Datasheet HTML 7Page - Power Analog Micoelectronics PAM8303DASC Datasheet HTML 8Page - Power Analog Micoelectronics PAM8303DASC Datasheet HTML 9Page - Power Analog Micoelectronics PAM8303DASC Datasheet HTML 10Page - Power Analog Micoelectronics PAM8303DASC Datasheet HTML 11Page - Power Analog Micoelectronics PAM8303DASC Datasheet HTML 12Page - Power Analog Micoelectronics PAM8303DASC Datasheet HTML 13Page - Power Analog Micoelectronics PAM8303DASC Datasheet HTML 14Page - Power Analog Micoelectronics PAM8303DASC Datasheet HTML 15Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
17. OSC Frequency
100
120
140
160
180
200
220
240
260
280
300
33.5
44.5
5
Supply Voltage (V)
18. Rdson vs Supply Voltage
PMOS
NOMS
PAM8303D
Ultra Low EMI, 3W Filterless
Mono Class-D Audio Power Amplifier
11
,
Power Analog Microelectronics Inc
www.poweranalog.com
19. Start-up from Shutdown
SD
Output
200
210
220
230
240
250
260
270
280
290
300
2.7
3.4
4.1
4.8
5.5
Supply Voltage (V)
Typical Operating Characteristics
T =25 C, V =5V,
Gain=2V/V, unless otherwise noted
ADD
°
.
f=1kHz,
Input ac-ground
Isw=500mA
100% duty cycle
09/2008 Rev 1.4
Notes
1. The AP AUX-0025 low pass filter is necessary for class-D amplifier measurement with AP analyzer.
2. Two 22μH inductors are used in series with load resistor to emulate the small speaker for efficiency
measurement.
Test Setup for Performance Testing
AP System One
Generator
PAM8303D Demo Board
+OUT
Input
Load
AP
Low Pass
Filter
AUX-0025
AP System One
Analyzer
GND
-OUT
VDD
Power Supply


Similar Part No. - PAM8303DASC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8303D DIODES-PAM8303D Datasheet
516Kb / 16P
   ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
PAM8303DBSC DIODES-PAM8303DBSC Datasheet
516Kb / 16P
   ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
PAM8303DBYC DIODES-PAM8303DBYC Datasheet
516Kb / 16P
   ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - PAM8303DASC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C Datasheet
775Kb / 17P
   ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
PAM8303C DIODES-PAM8303C_18 Datasheet
791Kb / 16P
   ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
PAM8303D DIODES-PAM8303D Datasheet
516Kb / 16P
   ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
NS4148 ETC1-NS4148 Datasheet
1Mb / 16P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Lowpower Semiconductor ...
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
   Filterless 3W Class- D Mono Audio Amplifier
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
   Filterless 3W Class- D Mono Audio Amplifier
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM48511 NSC-LM48511 Datasheet
440Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Shenzhenshi YONGFUKANG ...
CS8121S YONGFUKANG-CS8121S Datasheet
302Kb / 9P
   4.0W Mono, Ultra Low EMI, Filterless Class D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com