Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8303DBSN Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM8303DBSN
Description  Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8303DBSN Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM8303DBSN Datasheet HTML 1Page - Power Analog Micoelectronics PAM8303DBSN Datasheet HTML 2Page - Power Analog Micoelectronics PAM8303DBSN Datasheet HTML 3Page - Power Analog Micoelectronics PAM8303DBSN Datasheet HTML 4Page - Power Analog Micoelectronics PAM8303DBSN Datasheet HTML 5Page - Power Analog Micoelectronics PAM8303DBSN Datasheet HTML 6Page - Power Analog Micoelectronics PAM8303DBSN Datasheet HTML 7Page - Power Analog Micoelectronics PAM8303DBSN Datasheet HTML 8Page - Power Analog Micoelectronics PAM8303DBSN Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Supply Voltage ...........................................6.6V
Input Voltage.............................-0.3V to V +0.3V
Junction Temperature....................-40
to 125
Storage Temperature.....................-65°C to 150
Soldering Temperature....................
.
DD
°C
°C
°C
250°C,10 sec
Recommended Operating Conditions
Supply voltage Range........................
Ambient Operation Temperature.......-20
to 85
2.8V to 5.5V
Max. Supply Voltage (for Max. duration of
30 minutes)................................................6.4V
°C
°C
Thermal Information
4
PAM8303D
Ultra Low EMI, 3W Filterless
Mono Class-D Audio Power Amplifier
,
Power Analog Microelectronics Inc
www.poweranalog.com
Note: For the 9-pin CSP package, the thermal resistance is highly dependent on the PCB heat sink area.
For example, the
can equal to 195
/W with 50mm total area or 135
/W with 500mm area. When
using ground and power planes, the value is around 90
/W.
θ
ja
2
2
°C
°C
°C
Parameter
Symbol
Package
Maximum
Unit
WCSP 1.45x1.45
90-220
°C/W
MSOP
180
°C/W
Thermal Resistance
(Junction to ambient)
θJA
DFN 3x3
47.9
°C/W
MSOP
40
°C/W
Thermal Resistance
(Junction to case)
θJC
DFN 3x3
NA
°C/W
09/2008 Rev 1.4


Similar Part No. - PAM8303DBSN

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8303DBSC DIODES-PAM8303DBSC Datasheet
516Kb / 16P
   ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - PAM8303DBSN

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C Datasheet
775Kb / 17P
   ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
PAM8303C DIODES-PAM8303C_18 Datasheet
791Kb / 16P
   ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
PAM8303D DIODES-PAM8303D Datasheet
516Kb / 16P
   ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
NS4148 ETC1-NS4148 Datasheet
1Mb / 16P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Lowpower Semiconductor ...
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
   Filterless 3W Class- D Mono Audio Amplifier
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
   Filterless 3W Class- D Mono Audio Amplifier
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM48511 NSC-LM48511 Datasheet
440Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Shenzhenshi YONGFUKANG ...
CS8121S YONGFUKANG-CS8121S Datasheet
302Kb / 9P
   4.0W Mono, Ultra Low EMI, Filterless Class D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com