Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV163ATELL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LV163ATELL
Description  Synchronous 4-bit Binary Counter (Synchronous Clear)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV163ATELL Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74LV163ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74LV163ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LV163ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LV163ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LV163ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LV163ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74LV163ATELL Datasheet HTML 9Page - Renesas Technology Corp HD74LV163ATELL Datasheet HTML 10Page - Renesas Technology Corp HD74LV163ATELL Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
HD74LV163A
Rev.5.00 Jun. 04, 2004 page 7 of 14
Switching Characteristics
VCC = 2.5 ± 0.2 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
50
90
40
CL = 15 pF
Maximum clock
frequency
fmax
30
60
25
MHz
CL = 50 pF
11.1
16.2
1.0
19.5
CL = 15 pF
tPLH/tPHL
14.3
19.2
1.0
22.5
CL = 50 pF
CLK
Q
11.5
17.0
1.0
20.5
CL = 15 pF
tPLH/tPHL
Count mode
14.7
20.0
1.0
23.5
CL = 50 pF
CLK
Carry
13.8
20.6
1.0
24.5
CL = 15 pF
tPLH/tPHL
Load mode
17.0
23.6
1.0
27.5
CL = 50 pF
CLK
Carry
10.3
15.7
1.0
19.0
CL = 15 pF
Propagation
delay time
tPLH/tPHL
14.0
18.7
1.0
22.0
ns
CL = 50 pF
ENT
Carry
7.5
8.5
Data before CLK
10.0
11.5
LOAD before CLK ↑
9.5
11.0
ENT, ENP before
CLK
Setup time
tsu
6.0
——6.0
ns
CLR before CLK ↑
1.5
——1.5
Hold time
th
1.5
——1.5
ns
CLR after CLK ↑
Pulse width
tw
7.0
7.0
ns
CLK H or L


Similar Part No. - HD74LV163ATELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV163ATELL RENESAS-HD74LV163ATELL Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
More results

Similar Description - HD74LV163ATELL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Hitachi Semiconductor
HD74HC160 HITACHI-HD74HC160 Datasheet
90Kb / 16P
   Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LS163A RENESAS-HD74LS163A Datasheet
199Kb / 12P
   Synchronous 4-bit Binary Counter (direct clear)
HD74LV161A RENESAS-HD74LV161A_15 Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Fairchild Semiconductor
74VHC163 FAIRCHILD-74VHC163 Datasheet
123Kb / 10P
   4-Bit Binary Counter with Synchronous Clear
logo
Renesas Technology Corp
HD74LS161A RENESAS-HD74LS161A Datasheet
106Kb / 11P
   Synchronous 4-bit Binary Counter (direct clear)
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com