Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV374AFPEL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LV374AFPEL
Description  Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV374AFPEL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LV374AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LV374AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LV374AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV374AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV374AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV374AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV374AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV374AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV374AFPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HD74LV374A
Rev.2.00 Jun. 25, 2004 page 4 of 9
DC Electrical Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)*
Min
Typ
Max
Unit
Test Conditions
2.0
1.5
2.3 to 2.7
VCC
× 0.7
3.0 to 3.6
VCC
× 0.7
VIH
4.5 to 5.5
VCC
× 0.7
2.0
0.5
2.3 to 2.7
VCC
× 0.3
3.0 to 3.6
VCC
× 0.3
Input voltage
VIL
4.5 to 5.5
VCC
× 0.3
V
Min to Max
VCC – 0.1
IOH = –50
µA
2.3
2.0
IOH = –2 mA
3.0
2.48
IOH = –8 mA
VOH
4.5
3.8
IOH = –16 mA
Min to Max
0.1
IOL = 50
µA
2.3
0.4
IOL = 2 mA
3.0
0.44
IOL = 8 mA
Output voltage
VOL
4.5
0.55
V
IOL = 16 mA
Input current
IIN
0 to 5.5
±1
µAVIN = 5.5 V or GND
Off-state output
current
IOZ
5.5
±5
µAVO = VCC or GND
Quiescent supply
current
ICC
5.5
20
µAVIN = VCC or GND, IO = 0
Output leakage
current
IOFF
0—
5
µAVI or VO = 0 to 5.5 V
Input capacitance
CIN
3.3
2.9
pF
VI = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.


Similar Part No. - HD74LV374AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV374AFPEL RENESAS-HD74LV374AFPEL Datasheet
108Kb / 12P
   Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
More results

Similar Description - HD74LV374AFPEL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com