Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC1G53 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD74LVC1G53
Description  2-channel Analog Multiplexer/Demultiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC1G53 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD74LVC1G53 Datasheet HTML 5Page - Renesas Technology Corp HD74LVC1G53 Datasheet HTML 6Page - Renesas Technology Corp HD74LVC1G53 Datasheet HTML 7Page - Renesas Technology Corp HD74LVC1G53 Datasheet HTML 8Page - Renesas Technology Corp HD74LVC1G53 Datasheet HTML 9Page - Renesas Technology Corp HD74LVC1G53 Datasheet HTML 10Page - Renesas Technology Corp HD74LVC1G53 Datasheet HTML 11Page - Renesas Technology Corp HD74LVC1G53 Datasheet HTML 12Page - Renesas Technology Corp HD74LVC1G53 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HD74LVC1G53
Rev.3.00 Jul. 02, 2004 page 10 of 12
Feedthrough attenuation (Switch OFF)
VCC
VA = VIL or VIH
VA = VIH or VIL
0.1
µF
VIN
VOUT
V
/2
CC
VCC
fin
GND
(OFF)
C = 50 pF or 5 pF
L
R =
600
L
V
/2
CC
R =
600
L
R =
50
L
600
Crosstalk (Control input to signal output)
VOUT
V
/2
CC
C = 50 pF
L
R =
600
L
V
/2
CC
R =
600
L
VCC
VA
VCC
GND
COM
COM
COM
Y0
Y1
Y0
or
Y1
Y0
Y1
R =
50
L
Sine-wave distortion
VCC
10
µF
VIN
VOUT
V
/2
CC
VCC
fin
GND
10
µF
(ON)
C = 50 pF
L
R =
10 k
L
or 50
or 50


Similar Part No. - HD74LVC1G53

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC1G57 RENESAS-HD74LVC1G57 Datasheet
114Kb / 10P
   HD74LVC1G57
HD74LVC1G57CLE RENESAS-HD74LVC1G57CLE Datasheet
114Kb / 10P
   HD74LVC1G57
HD74LVC1G57CPE RENESAS-HD74LVC1G57CPE Datasheet
114Kb / 10P
   HD74LVC1G57
HD74LVC1G58 RENESAS-HD74LVC1G58 Datasheet
2Mb / 10P
   Configurable Multiple-Function Gate
HD74LVC1G58CLE RENESAS-HD74LVC1G58CLE Datasheet
2Mb / 10P
   Configurable Multiple-Function Gate
More results

Similar Description - HD74LVC1G53

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com