Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC1G53CPE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LVC1G53CPE
Description  2-channel Analog Multiplexer/Demultiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC1G53CPE Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LVC1G53CPE Datasheet HTML 1Page - Renesas Technology Corp HD74LVC1G53CPE Datasheet HTML 2Page - Renesas Technology Corp HD74LVC1G53CPE Datasheet HTML 3Page - Renesas Technology Corp HD74LVC1G53CPE Datasheet HTML 4Page - Renesas Technology Corp HD74LVC1G53CPE Datasheet HTML 5Page - Renesas Technology Corp HD74LVC1G53CPE Datasheet HTML 6Page - Renesas Technology Corp HD74LVC1G53CPE Datasheet HTML 7Page - Renesas Technology Corp HD74LVC1G53CPE Datasheet HTML 8Page - Renesas Technology Corp HD74LVC1G53CPE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HD74LVC1G53
Rev.3.00 Jul. 02, 2004 page 5 of 12
Switching Characteristics
VCC = 1.8 ± 0.15 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation delay time*
1
tPLH
tPHL
2.0
CL = 30 pF, RL = 1.0 k
Ω COM or Yn Yn or COM
Enable time
tZH
tZL
2.9
10.3
CL = 30 pF, RL = 1.0 k
Ω A
Yn
Disable time
tHZ
tLZ
2.1
9.4
ns
CL = 30 pF, RL = 1.0 k
Ω A
Yn
VCC = 2.5 ± 0.2 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation delay time*
1
tPLH
tPHL
1.2
CL = 30 pF, RL = 500
COM or Yn Yn or COM
Enable time
tZH
tZL
2.1
7.2
CL = 30 pF, RL = 500
A
Yn
Disable time
tHZ
tLZ
1.4
7.9
ns
CL = 30 pF, RL = 500
A
Yn
VCC = 3.3 ± 0.3 V
Ta = –40 to 85°C
Item
ymbol
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation delay time*
1
tPLH
tPHL
0.8
CL = 50 pF, RL = 500
COM or Yn Yn or COM
Enable time
tZH
tZL
1.9
5.8
CL = 50 pF, RL = 500
A
Yn
Disable time
tHZ
tLZ
1.1
7.2
ns
CL = 50 pF, RL = 500
A
Yn
VCC = 5.0 ± 0.5 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation delay time*
1
tPLH
tPHL
0.6
CL = 50 pF, RL = 500
COM or Yn Yn or COM
Enable time
tZH
tZL
1.3
5.4
CL = 50 pF, RL = 500
A
Yn
Disable time
tHZ
tLZ
1.0
5.0
ns
CL = 50 pF, RL = 500
A
Yn
Notes: 1. The propagation delay is calculated RC time constant of typical on-state resistance of the switch and the
specified load capacitance, when driven by an ideal voltage source (zero output impedance).


Similar Part No. - HD74LVC1G53CPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC1G57 RENESAS-HD74LVC1G57 Datasheet
114Kb / 10P
   HD74LVC1G57
HD74LVC1G57CLE RENESAS-HD74LVC1G57CLE Datasheet
114Kb / 10P
   HD74LVC1G57
HD74LVC1G57CPE RENESAS-HD74LVC1G57CPE Datasheet
114Kb / 10P
   HD74LVC1G57
HD74LVC1G58 RENESAS-HD74LVC1G58 Datasheet
2Mb / 10P
   Configurable Multiple-Function Gate
HD74LVC1G58CLE RENESAS-HD74LVC1G58CLE Datasheet
2Mb / 10P
   Configurable Multiple-Function Gate
More results

Similar Description - HD74LVC1G53CPE

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com