Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC1G58CLE Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LVC1G58CLE
Description  Configurable Multiple-Function Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC1G58CLE Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LVC1G58CLE Datasheet HTML 2Page - Renesas Technology Corp HD74LVC1G58CLE Datasheet HTML 3Page - Renesas Technology Corp HD74LVC1G58CLE Datasheet HTML 4Page - Renesas Technology Corp HD74LVC1G58CLE Datasheet HTML 5Page - Renesas Technology Corp HD74LVC1G58CLE Datasheet HTML 6Page - Renesas Technology Corp HD74LVC1G58CLE Datasheet HTML 7Page - Renesas Technology Corp HD74LVC1G58CLE Datasheet HTML 8Page - Renesas Technology Corp HD74LVC1G58CLE Datasheet HTML 9Page - Renesas Technology Corp HD74LVC1G58CLE Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HD74LVC1G58
Rev.3.00 Jun. 29, 2004 page 6 of 9
Switching Characteristics
VCC = 1.8 ± 0.15 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation delay time
tPLH
tPHL
3.2
14.4
ns
CL = 30 pF,
RL = 1.0 k
IN
Y
VCC = 2.5 ± 0.2 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation delay time
tPLH
tPHL
2.0
8.3
ns
CL = 30 pF,
RL = 500
IN
Y
VCC = 3.3 ± 0.3 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation delay time
tPLH
tPHL
1.5
6.3
ns
CL = 50 pF,
RL = 500
IN
Y
VCC = 5.0 ± 0.5 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation delay time
tPLH
tPHL
1.1
5.1
ns
CL = 50 pF,
RL = 500
IN
Y
Operating Characteristics
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
1.8
22
2.5
22
3.3
23
Power dissipation capacitance
CPD
5.0
24
pF
f = 10 MHz
Test Circuit
L
Note: C includes probe and jig capacitance.
C
L
Measurement point
RL
*
From Output


Similar Part No. - HD74LVC1G58CLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
HD74LVC1G53CLE RENESAS-HD74LVC1G53CLE Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
HD74LVC1G53CPE RENESAS-HD74LVC1G53CPE Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
HD74LVC1G57 RENESAS-HD74LVC1G57 Datasheet
114Kb / 10P
   HD74LVC1G57
HD74LVC1G57CLE RENESAS-HD74LVC1G57CLE Datasheet
114Kb / 10P
   HD74LVC1G57
More results

Similar Description - HD74LVC1G58CLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com