Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC74FPEL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LVC74FPEL
Description  Dual D-type Flip Flops with Preset and Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC74FPEL Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LVC74FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LVC74FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LVC74FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LVC74FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LVC74FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LVC74FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LVC74FPEL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HD74LVC74
Rev.4.00 Jul. 22, 2004 page 5 of 6
Waveforms
Input CLR
GND
10 %
10 %
90 %
tf
tr
tf
tr
90 %
10 %
tw
10 %
90 %
10 %
tr
tf
90 %
t (H)
w
Input PR
GND
90 %
90 %
trec
t (L)
w
tw
trec
10 %
tr
90 %
10 %
90 %
t (H)
s
tf
t (H)
h
t (L)
s
t (L)
h
t PHL
t PLH
GND
GND
VOH
VOL
t PLH
t PHL
t PLH
t PHL
t PLH
t PHL
VOH
VOL
Input CK
Input D
Output Q
Output Q
10 %
VIH
Vref
V
2.7 V
1.5 V
IH
Vref
Symbol
VCC = 2.7 V,
3.3±0.3 V
VCC = 5.0±0.5 V
VCC
50%VCC
VIH
VIH
VIH
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Notes:
1.
tr = 2.5 ns, tf = 2.5 ns
2.
Clock pulse input waveform : PRR = 10 MHz, duty cycle 50%
3.
Data input waveform : PRR = 5 MHz, duty cycle 50%


Similar Part No. - HD74LVC74FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC74 HITACHI-HD74LVC74 Datasheet
48Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
More results

Similar Description - HD74LVC74FPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC74 RENESAS-HD74HC74 Datasheet
108Kb / 8P
   Dual D-type Flip-Flops (with Preset and Clear)
RD74LVC74B RENESAS-RD74LVC74B Datasheet
112Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
logo
Hitachi Semiconductor
HD74LVC74 HITACHI-HD74LVC74 Datasheet
48Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
HD74HC74 HITACHI-HD74HC74 Datasheet
58Kb / 9P
   Dual D-type Flip-Flops (with Preset and Clear)
logo
Renesas Technology Corp
RD74LVC74B RENESAS-RD74LVC74B_15 Datasheet
131Kb / 11P
   Dual D-type Flip Flops with Preset and Clear
HD74LV74A RENESAS-HD74LV74A Datasheet
83Kb / 10P
   Dual D-type Flip Flops with Preset and Clear
logo
Hitachi Semiconductor
HD74LV74A HITACHI-HD74LV74A Datasheet
66Kb / 16P
   Dual D-type Flip Flops with Preset and Clear
logo
Renesas Technology Corp
HD74HC74 RENESAS-HD74HC74_15 Datasheet
169Kb / 10P
   Dual D-type Flip-Flops (with Preset and Clear)
logo
Aeroflex Circuit Techno...
UT54ACTS74E AEROFLEX-UT54ACTS74E Datasheet
131Kb / 9P
   Dual D Flip-Flops with Clear and Preset
UT54ACS74 AEROFLEX-UT54ACS74 Datasheet
238Kb / 10P
   Dual D Flip-Flops with Clear & Preset
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com