Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1058 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SK1058
Description  Silicon N Channel MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1058 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK1058 Datasheet HTML 1Page - Renesas Technology Corp 2SK1058 Datasheet HTML 2Page - Renesas Technology Corp 2SK1058 Datasheet HTML 3Page - Renesas Technology Corp 2SK1058 Datasheet HTML 4Page - Renesas Technology Corp 2SK1058 Datasheet HTML 5Page - Renesas Technology Corp 2SK1058 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK1056, 2SK1057, 2SK1058
Rev.2.00 Sep 07, 2005 page 3 of 5
Main Characteristics
50
100
0
Case Temperature TC (°C)
150
50
Power vs. Temperature Derating
100
150
Maximum Safe Operation Area
10
20
50
1.0
2
5
100
10
20
Drain to Source Voltage VDS (V)
5
500
0.5
200
0.2
ID max (Continuous)
Ta = 25
°C
PW
=
10
m
s
1
s
hot
PW
=
100
ms
1
shot
PW
=
1 s
1
shot
2SK1056
2SK1057
2SK1058
Typical Output Characteristics
30
Drain to Source Voltage VDS (V)
40
20
10
50
0
2
4
6
8
0
10
VGS = 10 V
TC = 25°C
1
2
0
5
6
7
8
9
Pch = 100
W
3
4
Typical Transfer Characteristics
1.2
Gate to Source Voltage VGS (V)
1.6
0.8
0.4
0
2.0
0.2
0.4
0.6
0.8
1.0
0
VDS = 10 V
Drain to Source Saturation
Voltage vs. Drain Current
1.0
Drain Current ID (A)
2
0.5
0.2
5
1.0
2
5
10
0.1
0.5
0.2
0.1
10
T C
=
–25
°C
25°
C
75°
C
VGD = 0
Drain to Source Voltage vs.
Gate to Source Voltage
6
Gate to Source Voltage VGS (V)
8
4
2
010
4
6
8
10
0
2
ID = 1 A
5 A
TC = 25°C
2 A


Similar Part No. - 2SK1058

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK1058 HITACHI-2SK1058 Datasheet
40Kb / 8P
   Silicon N-Channel MOS FET
logo
Renesas Technology Corp
2SK1058 RENESAS-2SK1058 Datasheet
91Kb / 8P
   Silicon N Channel MOS FET
2SK1058-E RENESAS-2SK1058-E Datasheet
91Kb / 8P
   Silicon N Channel MOS FET
More results

Similar Description - 2SK1058

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com