Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC534TELL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LVC534TELL
Description  Octal D-type Flip Flops with 3-state Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC534TELL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LVC534TELL Datasheet HTML 1Page - Renesas Technology Corp HD74LVC534TELL Datasheet HTML 2Page - Renesas Technology Corp HD74LVC534TELL Datasheet HTML 3Page - Renesas Technology Corp HD74LVC534TELL Datasheet HTML 4Page - Renesas Technology Corp HD74LVC534TELL Datasheet HTML 5Page - Renesas Technology Corp HD74LVC534TELL Datasheet HTML 6Page - Renesas Technology Corp HD74LVC534TELL Datasheet HTML 7Page - Renesas Technology Corp HD74LVC534TELL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74LVC534
Rev.4.00 Jul. 27, 2004 page 4 of 7
Switching Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
From
(Input)
To
(Output)
2.7
80.0
3.3±0.3
100.0
150.0
Maximum clock
frequency
fmax
5.0±0.5
125.0
MHz
2.7
7.0
9.5
3.3±0.3
1.5
5.5
8.5
Propagation delay time
tPLH
tPHL
5.0±0.5
4.0
7.0
ns
CK
Q
2.7
7.0
9.5
3.3±0.3
1.5
5.5
8.5
Output enable time
tZH
tZL
5.0±0.5
4.0
7.0
ns
GQ
2.7
5.0
8.5
3.3±0.3
1.5
4.5
7.5
Output disable time
tHZ
tLZ
5.0±0.5
3.5
6.5
ns
GQ
2.7
2.0
3.3±0.3
2.0
Setup time
tsu
5.0±0.5
2.0
ns
2.7
1.5
3.3±0.3
1.5
Hold time
th
5.0±0.5
1.5
ns
2.7
4.0
3.3±0.3
4.0
Pulse width
tw
5.0±0.5
3.0
ns
Input capacitance
CIN
2.7
3.0
pF
Output capacitance
CO
2.7
15.0
pF
Test Circuit
VCC
VCC
G
CK
Input
Pulse Generator
Z
= 50
out
Output
500
C =
50 pF
L
450
OPEN
GND
S1
50
Scope
Pulse Generator
Z
= 50
out
1D to 8D
1Q to 8Q
Input
Symbol
S1
t
/ t
PLH
PHL
OPEN
GND
6 V
t
/ t
ZH
HZ
t
/ t
ZL
LZ
t
/ t / t
su
h
w
OPEN
GND
2
×Vcc
Vcc=2.7V,
3.3±0.3V
Vcc=5.0±0.5V
*1
See under table
Note:
1.
CL includes probe and jig capacitance.


Similar Part No. - HD74LVC534TELL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC534 HITACHI-HD74LVC534 Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
More results

Similar Description - HD74LVC534TELL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
   Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74HCT564 HITACHI-HD74HCT564 Datasheet
68Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74BC564A HITACHI-HD74BC564A Datasheet
42Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74HC564 HITACHI-HD74HC564 Datasheet
65Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74LVC534 HITACHI-HD74LVC534 Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com