Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2308VIN1YMAE Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM2308VIN1YMAE
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2308VIN1YMAE Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM2308VIN1YMAE Datasheet HTML 4Page - Power Analog Micoelectronics PAM2308VIN1YMAE Datasheet HTML 5Page - Power Analog Micoelectronics PAM2308VIN1YMAE Datasheet HTML 6Page - Power Analog Micoelectronics PAM2308VIN1YMAE Datasheet HTML 7Page - Power Analog Micoelectronics PAM2308VIN1YMAE Datasheet HTML 8Page - Power Analog Micoelectronics PAM2308VIN1YMAE Datasheet HTML 9Page - Power Analog Micoelectronics PAM2308VIN1YMAE Datasheet HTML 10Page - Power Analog Micoelectronics PAM2308VIN1YMAE Datasheet HTML 11Page - Power Analog Micoelectronics PAM2308VIN1YMAE Datasheet HTML 12Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
,
Power Analog Microelectronics Inc
www.poweranalog.com
Typical Performance Characteristics
°C
T =25
, C =10 F, C =10 F,L=4.7 H, unless otherwise noted.
AIN
O
μμ
μ
0.584
0.586
0.588
0.590
0.592
0.594
0.596
0.598
0.600
0.602
234
5
6
Input Voltage(V)
I=100mA
I=600mA
I=800mA
0.590
0.595
0.600
0.605
0.610
0.615
0.620
0
50
100
150
Tem perature(°C)
Vin=3.6V
Reference Voltage VS Input Voltage
Reference Voltage VS Temperature
Reference Voltage VS Load Current
Output Voltage VS Temperature
Output Voltage
Load Current
VS
1.188
1.189
1.19
1.191
1.192
1.193
1.194
20
40
60
80
100
120
140
Temperature(°C)
Vo=1.2V
Vin=3.6V
Io=100mA
PAM2308
Dual High-Efficiency PWM Step-Down DC-DC Coverter
07/2008 Rev 1.0
0.580
0.583
0.585
0.588
0.590
0.593
0.595
0.598
0.600
0.603
0
200
400
600
800
1000
Load Current(mA)
Vin=2.7V
Vin=3.6V
Vin=4.2V
1.188
1.193
1.198
1.203
1.208
1.213
1.218
0
100 200
300
400
500 600
700
800 900 1000
Load Current(mA)
Vin=2.7V
Vin=3.6V
Vin=4.2V
Vin=5V
Vo=1.2V
1.188
1.193
1.198
1.203
1.208
1.213
1.218
2.53
3.544.5
55.5
Input Voltage(V)
Io=1mA
Io=500mA
Io=1A
Output Voltage VS Input Voltage


Similar Part No. - PAM2308VIN1YMAE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2308BYM DIODES-PAM2308BYM Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
More results

Similar Description - PAM2308VIN1YMAE

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2306 PAM-PAM2306 Datasheet
407Kb / 15P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
PAM2306D PAM-PAM2306D Datasheet
336Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
PAM2319 PAM-PAM2319 Datasheet
301Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com