Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6202P532TB Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6202P532TB
Description  High Voltage Positive Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6202P532TB Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6202P532TB Datasheet HTML 4Page - Torex Semiconductor XC6202P532TB Datasheet HTML 5Page - Torex Semiconductor XC6202P532TB Datasheet HTML 6Page - Torex Semiconductor XC6202P532TB Datasheet HTML 7Page - Torex Semiconductor XC6202P532TB Datasheet HTML 8Page - Torex Semiconductor XC6202P532TB Datasheet HTML 9Page - Torex Semiconductor XC6202P532TB Datasheet HTML 10Page - Torex Semiconductor XC6202P532TB Datasheet HTML 11Page - Torex Semiconductor XC6202P532TB Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8/32
XC6202 Series
(4) Supply Current vs. Input Voltage
(7) Current Limiter Circuit
(5) Output Voltage vs. Ambient Temperature
(6) Supply Current vs. Ambient Temperature
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
●XC6202P182 (Continued)
XC6202P182 (1.8V)
XC6202P182 (1.8V)
XC6202P182 (1.8V)
XC6202P182 (1.8V)
XC6202P182 (1.8V)


Similar Part No. - XC6202P532TB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6202P5 TOREX-XC6202P5 Datasheet
2Mb / 31P
   High Voltage positive Voltage Regulators
XC6202P502 TOREX-XC6202P502 Datasheet
265Kb / 25P
   (High Voltage) Positive Voltage Regulators
logo
TECH PUBLIC Electronics...
XC6202P502MR TECHPUBLIC-XC6202P502MR Datasheet
1Mb / 5P
   15V,150mA,Low-Dropout Regulator
XC6202P502MR TECHPUBLIC-XC6202P502MR Datasheet
1Mb / 5P
   15V,150mA,Low-Dropout Regulator
XC6202P502MR TECHPUBLIC-XC6202P502MR Datasheet
1Mb / 5P
   15V,150mA,Low-Dropout Regulator
More results

Similar Description - XC6202P532TB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6202 TOREX-XC6202 Datasheet
265Kb / 25P
   (High Voltage) Positive Voltage Regulators
XC6202 TOREX-XC6202_1 Datasheet
2Mb / 31P
   High Voltage positive Voltage Regulators
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com