Electronic Components Datasheet Search |
|
XC6202P542TB Datasheet(PDF) 1 Page - Torex Semiconductor |
|
XC6202P542TB Datasheet(HTML) 1 Page - Torex Semiconductor |
1 / 32 page 1/32 XC6202 Series High Voltage Positive Voltage Regulators ■GENERAL DESCRIPTION The XC6202 series are highly precise, low power consumption, high voltage input, positive voltage regulators manufactured using CMOS and laser trimming technologies. The XC6202 consists of a current limiter circuit, a driver transistor, a precision reference voltage and an error correction circuit. Output voltage is selectable in 100mV steps from 1.8V ~ 18V. The series are also compatible with low ESR ceramic capacitors which give added output stability. Since the current limiter circuit is built-in, the IC is protected against overshoot currents at such times of output shorts etc. SOT-23 (150mW), SOT-89 (500mW), TO-92 (300mW), SOT-223 (1200mW) and USP-6B (100mW) packages are available. ■APPLICATIONS ●Battery powered equipment ●Reference voltage ●Cameras, video cameras ●Palmtops ■TYPICAL APPLICATION CIRCUIT ■FEATURES Maximum Output Current : 150mA (within Pd) Maximum Operational Voltage : 20V Output Voltage Range : 1.8V ~ 18V (0.1V increments) Highly Accurate : ±2% Low Power Consumption : 10 μA (TYP.) Line Regulation : 0.01% / V (TYP.) Dropout Voltage : 200mV @ 30mA 670mV@100mA Operational Temperature Range : -40 ℃ ~ 85℃ Low ESR Capacitor Compatible : Ceramic capacitor Current Limiter Circuit Built-In Small Packages : SOT-23 (150mW), SOT-89 (500mW), TO-92 (300mW), SOT-223 (1200mW), USP-6B (100mW) ■TYPICAL PERFORMANCE CHARACTERISTICS ETR0302_001 |
Similar Part No. - XC6202P542TB |
|
Similar Description - XC6202P542TB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |