Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVCC3245A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LVCC3245A
Description  Octal Bus Transceiver with adjustable output voltage and 3-state Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVCC3245A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LVCC3245A_05 Datasheet HTML 2Page - Renesas Technology Corp HD74LVCC3245A_05 Datasheet HTML 3Page - Renesas Technology Corp HD74LVCC3245A_05 Datasheet HTML 4Page - Renesas Technology Corp HD74LVCC3245A_05 Datasheet HTML 5Page - Renesas Technology Corp HD74LVCC3245A_05 Datasheet HTML 6Page - Renesas Technology Corp HD74LVCC3245A_05 Datasheet HTML 7Page - Renesas Technology Corp HD74LVCC3245A_05 Datasheet HTML 8Page - Renesas Technology Corp HD74LVCC3245A_05 Datasheet HTML 9Page - Renesas Technology Corp HD74LVCC3245A_05 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HD74LVCC3245A
Rev.2.01 Apr. 12, 2005 page 6 of 10
Switching Characteristics
(Ta = –40 to 85°C, VCCA = 2.5±0.2 V, VCCB = 3.3±0.3 V)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
From(Input) To(Output)
tPLH
1
9.1
tPHL
1
9.4
A
B
tPLH
1
9.9
Propagation delay
time
tPHL
1
11.2
ns
CL = 50 pF
RL = 500
B
A
tZH
1
12.9
tZL
1
14.5
OE
A
tZH
1
12.8
Output enable time
tZL
1
13
ns
CL = 50 pF
RL = 500
OE
B
tHZ
1
6.9
tLZ
1
7.1
OE
A
tHZ
1
8.9
Output disable time
tLZ
1
8.8
ns
CL = 50 pF
RL = 500
OE
B
(Ta = –40 to 85°C, VCCA = 2.7 to 3.6 V, VCCB = 3.3±0.3 V)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
From(Input) To(Output)
tPLH
1
7.2
tPHL
1
7.1
A
B
tPLH
1
7.6
Propagation delay
time
tPHL
1
6.4
ns
CL = 50 pF
RL = 500
B
A
tZH
1
9.5
tZL
1
9.7
OE
A
tZH
1
9.9
Output enable time
tZL
1
9.2
ns
CL = 50 pF
RL = 500
OE
B
tHZ
1
6.9
tLZ
1
6.6
OE
A
tHZ
1
7.9
Output disable time
tLZ
1
7.5
ns
CL = 50 pF
RL = 500
OE
B
(Ta = –40 to 85°C, VCCA = 2.7 to 3.6 V, VCCB = 5.0±0.5 V)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
From(Input) To(Output)
tPLH
1
5.3
tPHL
1
6
A
B
tPLH
1
7
Propagation delay
time
tPHL
1
5.8
ns
CL = 50 pF
RL = 500
B
A
tZH
1
9.5
tZL
1
9.2
OE
A
tZH
1
8.4
Output enable time
tZL
1
8.1
ns
CL = 50 pF
RL = 500
OE
B
tHZ
1
7.8
tLZ
1
7
OE
A
tHZ
1
7
Output disable time
tLZ
1
7.3
ns
CL = 50 pF
RL = 500
OE
B


Similar Part No. - HD74LVCC3245A_05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVCC3245ATEL RENESAS-HD74LVCC3245ATEL Datasheet
135Kb / 11P
   Octal Bus Transceiver with adjustable output voltage and 3-state Outputs
HD74LVCC3245A RENESAS-HD74LVCC3245A_15 Datasheet
134Kb / 13P
   Octal Bus Transceiver with adjustable output voltage and 3-state Outputs
More results

Similar Description - HD74LVCC3245A_05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCC4245A-EP TI1-SN74LVCC4245A-EP Datasheet
654Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC3245A TI-SN74LVCC3245A Datasheet
377Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVCC3245A RENESAS-HD74LVCC3245A_15 Datasheet
134Kb / 13P
   Octal Bus Transceiver with adjustable output voltage and 3-state Outputs
HD74LVCC3245A RENESAS-HD74LVCC3245A Datasheet
135Kb / 11P
   Octal Bus Transceiver with adjustable output voltage and 3-state Outputs
logo
Texas Instruments
SN74LVCC3245 TI-SN74LVCC3245 Datasheet
111Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A-EP TI1-SN74LVCC4245A-EP_15 Datasheet
522Kb / 16P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A TI-SN74LVCC4245A Datasheet
151Kb / 10P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A TI-SN74LVCC4245A_08 Datasheet
434Kb / 17P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245ADBR TI-SN74LVCC4245ADBR Datasheet
311Kb / 16P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com