Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVCZ240ATELL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LVCZ240ATELL
Description  Octal Buffers / Line Drivers with 3-state Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVCZ240ATELL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LVCZ240ATELL Datasheet HTML 1Page - Renesas Technology Corp HD74LVCZ240ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74LVCZ240ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74LVCZ240ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LVCZ240ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LVCZ240ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LVCZ240ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LVCZ240ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74LVCZ240ATELL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74LVCZ240A
Rev.3.00 Jul. 30, 2004 page 4 of 8
Electrical Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
2.7 to 3.6
2.0
VIH
4.5 to 5.5
VCC
×0.7 —
V
2.7 to 3.6
0.8
Input voltage
VIL
4.5 to 5.5
VCC
×0.3
V
2.7 to 5.5
VCC–0.2 —
IOH = –100
µA
2.7
2.2
3.0
2.4
IOH = –12 mA
3.0
2.2
VOH
4.5
3.8
V
IOH = –24 mA
2.7 to 5.5
0.2
IOL = 100
µA
2.7
——0.4
IOL = 12 mA
3.0
——0.55
Output voltage
VOL
4.5
——0.55
V
IOL = 24 mA
Input current
IIN
0 to 5.5
±5
µAVIN = 0 to 5.5 V
IOZ
2.7 to 5.5
±5
VOUT = 0 to 5.5 V
IOZPU
0 to 1.5
±5
Off state output current
IOZPD
1.5 to 0
±5
µA
VOUT = 0.5 to 5.5 V,
Output enable = don’t care
Output leak current
IOFF
0
——±5
µAVIN or VO = 5.5 V
2.7 to 3.6
225
VIN = 3.6 to 5.5 V
*1, I
O = 0
ICC
2.7 to 5.5
350
µA
VIN = VCC or GND
Quiescent supply current
∆ICC
2.7 to 3.6
500
µAVIN = one input at (VCC–0.6) V,
other inputs at VCC or GND
Input capacitance
CIN
3.3
3.4
pF
VIN = VCC or GND
Output capacitance
CO
3.3
7.5
pF
VOUT = VCC or GND
Note:
1. This applies in the disabled state only.
Switching Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
FROM
(Input)
TO
(Output)
2.7
——7.5
3.3±0.3
1.3
6.5
Propagation delay time
tPLH
tPHL
5.0±0.5
5.0
ns
A
Y
2.7
——9.0
3.3±0.3
1.1
8.0
Output enable time
tZH
tZL
5.0±0.5
6.5
ns
GY
2.7
——8.0
3.3±0.3
1.4
7.0
Output disable time
tHZ
tLZ
5.0±0.5
6.0
ns
GY
2.7
———
3.3±0.3
1.0
Between output pin skew
*1 t
OSLH
tOSHL
5.0±0.5
1.0
ns
Note:
1. This parameter is characterized but not tested.
tOSLH = |tPLHm–tPLHn|, tOSHL = |tPHLm–tPHLn|


Similar Part No. - HD74LVCZ240ATELL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVCZ240A HITACHI-HD74LVCZ240A Datasheet
57Kb / 11P
   Octal Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
HD74LVCZ240A RENESAS-HD74LVCZ240A_15 Datasheet
124Kb / 11P
   Octal Buffers / Line Drivers with 3?뱒tate Outputs
More results

Similar Description - HD74LVCZ240ATELL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Renesas Technology Corp
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC244A HITACHI-HD74BC244A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74LVC244A HITACHI-HD74LVC244A Datasheet
47Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC540A HITACHI-HD74LVC540A Datasheet
48Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com