Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVCZ245ATELL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LVCZ245ATELL
Description  Octal Bidirectional Transceivers with 3-state Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVCZ245ATELL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LVCZ245ATELL Datasheet HTML 1Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74LVCZ245ATELL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HD74LVCZ245A
Rev.3.00 Aug. 18, 2004 page 3 of 8
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
2.7 to 5.5
V
At operation
Input voltage
VI
0 to 5.5
V
0 to 5.5
Output “Z” or VCC : OFF
Input / output voltage
VI/O
0 to VCC
V
Output “H” or “L”
–12
VCC = 2.7 V
IOH
–24
*1
mA
VCC = 3.0 to 5.5 V
12
VCC = 2.7 V
Output current
IOL
24
*1
mA
VCC = 3.0 to 5.5 V
Input rise / fall time
tr, tf
0 to 6
ns / V
Operating temperature
Ta
–40 to +85
°C
Note:
1. Duty cycle
≤ 50%
Logic Diagram
T /
R
A0
OE
B0
1
19
18
2
To seven other channels


Similar Part No. - HD74LVCZ245ATELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVCZ245ATELL RENESAS-HD74LVCZ245ATELL Datasheet
124Kb / 11P
   Octal Bidirectional Transceivers with 3?뱒tate Outputs
More results

Similar Description - HD74LVCZ245ATELL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC245A HITACHI-HD74LVC245A Datasheet
51Kb / 9P
   Octal Bidirectional Transceivers with 3-state Outputs
logo
Renesas Technology Corp
RD74LVC245B RENESAS-RD74LVC245B_15 Datasheet
133Kb / 10P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCR2245A RENESAS-HD74LVCR2245A Datasheet
205Kb / 10P
   Octal Bidirectional Transceivers with 3-state Outputs
RD74LVC245B RENESAS-RD74LVC245B Datasheet
111Kb / 8P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVC245A RENESAS-HD74LVC245A Datasheet
191Kb / 7P
   Octal Bidirectional Transceivers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LVCR2245A HITACHI-HD74LVCR2245A Datasheet
68Kb / 13P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCZ245A HITACHI-HD74LVCZ245A Datasheet
58Kb / 11P
   Octal Bidirectional Transceivers with 3-state Outputs
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
HD74LVCZ245A RENESAS-HD74LVCZ245A_15 Datasheet
124Kb / 11P
   Octal Bidirectional Transceivers with 3?뱒tate Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com