Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1772 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SK1772
Description  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1772 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK1772 Datasheet HTML 1Page - Renesas Technology Corp 2SK1772 Datasheet HTML 2Page - Renesas Technology Corp 2SK1772 Datasheet HTML 3Page - Renesas Technology Corp 2SK1772 Datasheet HTML 4Page - Renesas Technology Corp 2SK1772 Datasheet HTML 5Page - Renesas Technology Corp 2SK1772 Datasheet HTML 6Page - Renesas Technology Corp 2SK1772 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK1772
Rev.2.00 Sep 07, 2005 page 3 of 6
Main Characteristics
10
3
1
0.3
0.1
0.03
0.01
0.1
0.3
1
3
10
30
100
Drain to Source Voltage
VDS (V)
Ta = 25
°C
PW
=
1
ms
DC
Opera
tion
PW
=
10
ms
Operation in this area is
limited by RDS(on)
PW = 100
µs
Maximum Safe Operation Area
2.0
1.6
1.2
0.8
0.4
01
2
3
4
5
Drain to Source Voltage
VDS
(V)
Pulse test
V
= 2 V
GS
2.5 V
3.0 V
3.5 V
4 V
10 V
5 V
Typical Output Characteristics
1.0
0.8
0.6
0.4
0.2
01
2
3
4
5
Gate to Source Voltage
VGS
(V)
–25
°C
VDS = 10 V
Pulse test
Tc = 25
°C
75
°C
Typical Transfer Characteristics
2.0
1.6
1.2
0.8
0.4
02
4
6
8
10
Gate to Source Voltage
VGS
(V)
Pulse test
I = 0.5 A
D
1 A
2 A
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
10
5
2
1
0.5
0.2
0.1
0.05
0.1
0.2
0.5
1
2
5
Pulse test
V
= 4 V
GS
10 V
Drain Current
ID (A)
Static Drain to Source on State
Resistance vs. Drain Current
1.6
1.2
0.8
0.4
0
50
100
150
200
Ambient Temperature
Ta (
°C)
Maximum Channel Power
Dissipation Curve


Similar Part No. - 2SK1772

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK1772 HITACHI-2SK1772 Datasheet
40Kb / 9P
   Silicon N-Channel MOS FET
More results

Similar Description - 2SK1772

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com