Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74SSTV16842TEL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74SSTV16842TEL
Description  11-bit to 22-bit Buffer with SSTL_2 Inputs and Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74SSTV16842TEL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74SSTV16842TEL Datasheet HTML 1Page - Renesas Technology Corp HD74SSTV16842TEL Datasheet HTML 2Page - Renesas Technology Corp HD74SSTV16842TEL Datasheet HTML 3Page - Renesas Technology Corp HD74SSTV16842TEL Datasheet HTML 4Page - Renesas Technology Corp HD74SSTV16842TEL Datasheet HTML 5Page - Renesas Technology Corp HD74SSTV16842TEL Datasheet HTML 6Page - Renesas Technology Corp HD74SSTV16842TEL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74SSTV16842
Rev.2.00 Apr 07, 2006 page 4 of 6
Electrical Characteristics
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
Input diode voltage
VIK
2.3
–1.2
V
IIN = –18 mA
2.3 to 2.7 VCC–0.2
IOH = –100 µA
VOH
2.3
1.95
VDDQ
IOH = –16 mA
2.3 to 2.7
0.2
IOL = 100 µA
Output voltage
VOL
2.3
0
0.35
V
IOL = 16 mA
Input current
(All inputs)
IIN
2.7
±5
µA
VIN = 2.7 V or 0
Quiescent supply current
ICC
*2
2.7
45
mA
VIN = VIH(AC) or VIL(AC), IO = 0
Dynamic operating per each
data input
ICCD
*2
2.7
20
µA/
data
input
VI = VIH(AC) or VIL(AC),
One data input switching at
50% duty cycle.
Output high
*3
rOH
2.3 to 2.7
7
20
IOH = –20 mA
Output low
*3
rOL
2.3 to 2.7
7
20
IOL = 20 mA
r
OH – rOL each separate bit
*3
rO(∆)
2.5
4
IO = 20 mA, Ta = 25°C
Input
capacitance
Data inputs
CIN
2.5
*1
2.5
3.5
pF
VI = VREF±310 mV
Notes: 1. All typical values are at VCC = 2.5 V, Ta = 25°C.
2. Total ICC (max) = ICC + {ICCD (Data)
× 11}
3. This is effective in the case that it did terminate by resistance.
Switching Characteristics
VCC = 1.8 ± 0.15 V
VCC = 2.5 ± 0.2 V
Item
Symbol
Min
Typ
Max
Unit
FROM
(Input)
TO
(Output)
Propagation delay time
*1
tPLH
tPHL
1.6
2.8
ns
A
Y
Note:
1. This timing relationship is specified into test load (see waveforms – 1) with all of the outputs switching.
Test Circuit
C = 30 pF
L
Test point
V
TT
*1
*2
50
Notes:
1.
CL includes probe and jig capacitance.
2.
VTT = VREF = VDDQ
× 0.5
3.
Input waveform : PRR
≤ 10 MHz, Zo = 50
Ω,
Input slew rate = 1 V/ns ±20% (unless otherwise noted.)


Similar Part No. - HD74SSTV16842TEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74SSTV16857 HITACHI-HD74SSTV16857 Datasheet
138Kb / 15P
   1:1 14-bit SSTL-2 Registered Buffer
logo
Renesas Technology Corp
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857A RENESAS-HD74SSTV16857A Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857ANEL RENESAS-HD74SSTV16857ANEL Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857ATEL RENESAS-HD74SSTV16857ATEL Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
More results

Similar Description - HD74SSTV16842TEL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTV32852-EP TI1-SN74SSTV32852-EP Datasheet
374Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32852 TI-SN74SSTV32852 Datasheet
270Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32852 TI1-SN74SSTV32852_09 Datasheet
433Kb / 12P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTVF32852 TI-SN74SSTVF32852 Datasheet
285Kb / 7P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV16857 TI1-SN74SSTV16857_13 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32877 TI1-SN74SSTV32877 Datasheet
392Kb / 12P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
logo
Renesas Technology Corp
HD74SSTV32852 RENESAS-HD74SSTV32852 Datasheet
2Mb / 9P
   24-bit to 48-bit Registered Buffer with SSTL_2 Inputs and Outputs
logo
Texas Instruments
SN74SSTV32867-EP TI1-SN74SSTV32867-EP Datasheet
359Kb / 11P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND LVCMOS OUTPUTS
SN74SSTV16859 TI-SN74SSTV16859 Datasheet
166Kb / 10P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI-SN74SSTVF16859 Datasheet
191Kb / 11P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com