Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74SSTV16842TEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74SSTV16842TEL
Description  11-bit to 22-bit Buffer with SSTL_2 Inputs and Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74SSTV16842TEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74SSTV16842TEL Datasheet HTML 1Page - Renesas Technology Corp HD74SSTV16842TEL Datasheet HTML 2Page - Renesas Technology Corp HD74SSTV16842TEL Datasheet HTML 3Page - Renesas Technology Corp HD74SSTV16842TEL Datasheet HTML 4Page - Renesas Technology Corp HD74SSTV16842TEL Datasheet HTML 5Page - Renesas Technology Corp HD74SSTV16842TEL Datasheet HTML 6Page - Renesas Technology Corp HD74SSTV16842TEL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00 Apr 07, 2006 page 1 of 6
HD74SSTV16842
11–bit to 22–bit Buffer with SSTL_2 Inputs and Outputs
REJ03D0829-0200
(Previous: ADE-205-602A)
Rev.2.00
Apr 07, 2006
Description
The HD74SSTV16842 is a 11–bit to 22–bit buffer designed for 2.3 V to 2.7 V Vcc operation and SSTL_2 data (A)
inputs.
Features
• Supports SSTL_2 data inputs
• Flow through architecture optimizes PCB layout
• Ordering Information
Part Name
Package Type
Package Code
(Previous code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74SSTV16842TEL
TSSOP-64 pin
PTSP0064KA-A
(TTP-64DV)
T
EL (1,000 pcs / Reel)
Function Table
Input A
Output Y
L
L
H
H
H :
High level
L :
Low level


Similar Part No. - HD74SSTV16842TEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74SSTV16857 HITACHI-HD74SSTV16857 Datasheet
138Kb / 15P
   1:1 14-bit SSTL-2 Registered Buffer
logo
Renesas Technology Corp
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857A RENESAS-HD74SSTV16857A Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857ANEL RENESAS-HD74SSTV16857ANEL Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857ATEL RENESAS-HD74SSTV16857ATEL Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
More results

Similar Description - HD74SSTV16842TEL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTV32852-EP TI1-SN74SSTV32852-EP Datasheet
374Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32852 TI-SN74SSTV32852 Datasheet
270Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32852 TI1-SN74SSTV32852_09 Datasheet
433Kb / 12P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTVF32852 TI-SN74SSTVF32852 Datasheet
285Kb / 7P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV16857 TI1-SN74SSTV16857_13 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32877 TI1-SN74SSTV32877 Datasheet
392Kb / 12P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
logo
Renesas Technology Corp
HD74SSTV32852 RENESAS-HD74SSTV32852 Datasheet
2Mb / 9P
   24-bit to 48-bit Registered Buffer with SSTL_2 Inputs and Outputs
logo
Texas Instruments
SN74SSTV32867-EP TI1-SN74SSTV32867-EP Datasheet
359Kb / 11P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND LVCMOS OUTPUTS
SN74SSTV16859 TI-SN74SSTV16859 Datasheet
166Kb / 10P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI-SN74SSTVF16859 Datasheet
191Kb / 11P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com