Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74SSTV16857ATEL Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD74SSTV16857ATEL
Description  1:1 14-bit SSTL_2 Registered Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74SSTV16857ATEL Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD74SSTV16857ATEL Datasheet HTML 3Page - Renesas Technology Corp HD74SSTV16857ATEL Datasheet HTML 4Page - Renesas Technology Corp HD74SSTV16857ATEL Datasheet HTML 5Page - Renesas Technology Corp HD74SSTV16857ATEL Datasheet HTML 6Page - Renesas Technology Corp HD74SSTV16857ATEL Datasheet HTML 7Page - Renesas Technology Corp HD74SSTV16857ATEL Datasheet HTML 8Page - Renesas Technology Corp HD74SSTV16857ATEL Datasheet HTML 9Page - Renesas Technology Corp HD74SSTV16857ATEL Datasheet HTML 10Page - Renesas Technology Corp HD74SSTV16857ATEL Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
HD74SSTV16857A
Rev.1.00 Apr 07, 2006 page 10 of 10
Package Dimensions
25
24
Index mark
F
*1
*3
p
M
x
y
1
48
Z
D
b
Terminal cross section
( Ni/Pd/Au plating )
p
b
Detail F
1
L
L
θ
A
L
e
e
c1
b1
D
E
A2
bp
c
θ
x
y
HE
Z
L1
12.5
1.0
0.08
8.10
0.10
0.15
0.20
0.24
0.08
0.13
0.18
6.10
0.4
0.5
0.6
1.20
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
12.7
A1
0.14
0.19
8.30
7.90
0.50
0.10
0.65
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
P-TSSOP48-6.1x12.5-0.50
0.2g
MASS[Typ.]
TTP-48DBV
PTSP0048KA-A
RENESAS Code
JEITA Package Code
Previous Code
A
L
e
e
c1
b1
D
E
A2
bp
c
θ
x
y
HE
Z
L1
9.70
1.00
0.07
6.40
0.10 0.15 0.20
0.23
0.05 0.10 0.15
4.40
0.40 0.50 0.60
1.20
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
9.90
A1
0.13 0.18
6.60
6.20
0.40
0.08
0.40
48
25
24
1
y
xM
p
*3
*1
F
Index mark
D
b
Z
p
Terminal cross section
( Ni/Pd/Au plating )
b
Detail F
1
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
P-TSSOP48-4.4x9.7-0.40
0.077g
MASS[Typ.]
TTP-48DEV
PTSP0048LA-A
RENESAS Code
JEITA Package Code
Previous Code


Similar Part No. - HD74SSTV16857ATEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74SSTV16857 HITACHI-HD74SSTV16857 Datasheet
138Kb / 15P
   1:1 14-bit SSTL-2 Registered Buffer
logo
Renesas Technology Corp
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857B RENESAS-HD74SSTV16857B Datasheet
3Mb / 16P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857BNEL RENESAS-HD74SSTV16857BNEL Datasheet
3Mb / 16P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857BTEL RENESAS-HD74SSTV16857BTEL Datasheet
3Mb / 16P
   1:1 14-bit SSTL_2 Registered Buffer
More results

Similar Description - HD74SSTV16857ATEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74SSTV16857B RENESAS-HD74SSTV16857B Datasheet
3Mb / 16P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
logo
Texas Instruments
SN74SSTL16857 TI-SN74SSTL16857 Datasheet
93Kb / 7P
[Old version datasheet]   14-BIT SSTL_2 REGISTERED BUFFER
logo
Renesas Technology Corp
HD74SSTV16859 RENESAS-HD74SSTV16859 Datasheet
3Mb / 11P
   1:2 13-bit SSTL_2 Registered Buffer
logo
NXP Semiconductors
SSTVF16859 PHILIPS-SSTVF16859_05 Datasheet
144Kb / 23P
   13-bit 1 : 2 SSTL_2 registered buffer for DDR
Rev. 02-19 July 2005
SSTVF16859 PHILIPS-SSTVF16859 Datasheet
129Kb / 15P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 12
SSTVN16859 PHILIPS-SSTVN16859 Datasheet
116Kb / 11P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 15
logo
Hitachi Semiconductor
HD74SSTV16857 HITACHI-HD74SSTV16857 Datasheet
138Kb / 15P
   1:1 14-bit SSTL-2 Registered Buffer
logo
Texas Instruments
SN74SSTV16857 TI1-SN74SSTV16857_13 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
logo
Pericom Semiconductor C...
PI74SSTU32864 PERICOM-PI74SSTU32864 Datasheet
597Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com