Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X2402SFPIAG Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HN58X2402SFPIAG
Description  Two-wire serial interface 2k EEPROM (256-word8-bit) 4k EEPROM (512-word8-bit)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2402SFPIAG Datasheet(HTML) 2 Page - Renesas Technology Corp

  HN58X2402SFPIAG Datasheet HTML 1Page - Renesas Technology Corp HN58X2402SFPIAG Datasheet HTML 2Page - Renesas Technology Corp HN58X2402SFPIAG Datasheet HTML 3Page - Renesas Technology Corp HN58X2402SFPIAG Datasheet HTML 4Page - Renesas Technology Corp HN58X2402SFPIAG Datasheet HTML 5Page - Renesas Technology Corp HN58X2402SFPIAG Datasheet HTML 6Page - Renesas Technology Corp HN58X2402SFPIAG Datasheet HTML 7Page - Renesas Technology Corp HN58X2402SFPIAG Datasheet HTML 8Page - Renesas Technology Corp HN58X2402SFPIAG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
HN58X2402SFPIAG/HN58X2404SFPIAG
Rev.4.00, Jul.13.2005, page 2 of 16
Pin Arrangement
1
2
3
4
8
7
6
5
A0
A1
A2
VSS
VCC
WP
SCL
SDA
(Top view)
8-pin SOP
Pin Description
Pin name
Function
A0 to A2
Device address
SCL
Serial clock input
SDA
Serial data input/output
WP
Write protect
VCC
Power supply
VSS
Ground
Block Diagram
Control
logic
High voltage generator
Memory array
Y-select & Sense amp.
Serial-parallel converter
VCC
VSS
WP
A0, A1, A2
SCL
SDA
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage relative to VSS
VCC
−0.6 to +7.0
V
Input voltage relative to VSS
Vin
−0.5*
2 to +7.0*3
V
Operating temperature range*
1
Topr
−40 to +85
°C
Storage temperature range
Tstg
−65 to +125
°C
Notes: 1. Including electrical characteristics and data retention.
2. Vin (min):
−3.0 V for pulse width ≤ 50 ns.
3. Should not exceed VCC + 1.0 V.


Similar Part No. - HN58X2402SFPIAG

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2402SFPI HITACHI-HN58X2402SFPI Datasheet
62Kb / 19P
   Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)
logo
Renesas Technology Corp
HN58X2402SFPIE RENESAS-HN58X2402SFPIE Datasheet
136Kb / 19P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
More results

Similar Description - HN58X2402SFPIAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2402SI RENESAS-HN58X2402SI Datasheet
136Kb / 19P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
R1EX24002ASAS0A RENESAS-R1EX24002ASAS0A_15 Datasheet
402Kb / 26P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit)
R1EX24002ASAS0A RENESAS-R1EX24002ASAS0A Datasheet
179Kb / 24P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit)
R1EX24004ASAS0I RENESAS-R1EX24004ASAS0I Datasheet
182Kb / 24P
   Two-wire serial interface 4k EEPROM (512-word 횞 8-bit)
R1EX24004ASAS0I RENESAS-R1EX24004ASAS0I_15 Datasheet
250Kb / 17P
   Two-wire serial interface 4k EEPROM (512-word 횞 8-bit)
R1EX24004ASAS0A RENESAS-R1EX24004ASAS0A_15 Datasheet
402Kb / 26P
   Two-wire serial interface 4k EEPROM (512-word 횞 8-bit)
R1EX24002ASAS0I RENESAS-R1EX24002ASAS0I_10 Datasheet
796Kb / 26P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit)
R1EX24002ASAS0I RENESAS-R1EX24002ASAS0I Datasheet
179Kb / 24P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit)
R1EX24004ASAS0A RENESAS-R1EX24004ASAS0A Datasheet
180Kb / 24P
   Two-wire serial interface 4k EEPROM (512-word 횞 8-bit)
logo
Hitachi Semiconductor
HN58X2402SI HITACHI-HN58X2402SI Datasheet
62Kb / 19P
   Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com