Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X2408FPIE Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HN58X2408FPIE
Description  Two-wire serial interface 8k EEPROM (1-kword8-bit)/16k EEPROM (2-kword8-bit) 32k EEPROM (4-kword8-bit)/64k EEPROM (8-kword8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2408FPIE Datasheet(HTML) 4 Page - Renesas Technology Corp

  HN58X2408FPIE Datasheet HTML 1Page - Renesas Technology Corp HN58X2408FPIE Datasheet HTML 2Page - Renesas Technology Corp HN58X2408FPIE Datasheet HTML 3Page - Renesas Technology Corp HN58X2408FPIE Datasheet HTML 4Page - Renesas Technology Corp HN58X2408FPIE Datasheet HTML 5Page - Renesas Technology Corp HN58X2408FPIE Datasheet HTML 6Page - Renesas Technology Corp HN58X2408FPIE Datasheet HTML 7Page - Renesas Technology Corp HN58X2408FPIE Datasheet HTML 8Page - Renesas Technology Corp HN58X2408FPIE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
HN58X2408I/HN58X2416I/HN58X2432I/HN58X2464I
Rev.5.00, Jan.14.2005, page 4 of 20
DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
1.8
5.5
V
VSS
0
0
0
V
Input high voltage
VIH
VCC
× 0.7
VCC + 1.0
V
Input low voltage
VIL
−0.3*
1
VCC
× 0.3
V
Operating temperature
Topr
−40
+85
°C
Note:
1. VIL (min):
−1.0 V for pulse width ≤ 50 ns.
DC Characteristics (Ta =
40 to +85°C, V
CC = 1.8 V to 5.5 V)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input leakage current
ILI
2.0
µA
VCC = 5.5 V, Vin = 0 to 5.5 V
Output leakage current
ILO
2.0
µA
VCC = 5.5 V, Vout = 0 to 5.5 V
Standby VCC current
ISB
1.0
3.0
µA
Vin = VSS or VCC
Read VCC current
ICC1
1.0
mA
VCC = 5.5 V, Read at 400 kHz
Write VCC current
ICC2
3.0
mA
VCC = 5.5 V, Write at 400 kHz
Output low voltage
VOL2
0.4
V
VCC = 4.5 to 5.5 V, IOL = 1.6 mA
VCC = 2.7 to 4.5 V, IOL = 0.8 mA
VCC = 1.8 to 2.7 V, IOL = 0.4 mA
VOL1
0.2
V
VCC = 1.8 to 2.7 V, IOL = 0.2 mA
Capacitance (Ta = +25
°C, f = 1 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
Input capacitance (A0 to A2, SCL, WP)
Cin*
1
6.0
pF
Vin = 0 V
Output capacitance (SDA)
CI/O*
1
6.0
pF
Vout = 0 V
Note:
1. This parameter is sampled and not 100
% tested.


Similar Part No. - HN58X2408FPIE

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2408FPI HITACHI-HN58X2408FPI Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
HN58X2408FPIAG RENESAS-HN58X2408FPIAG Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408FPIAGE RENESAS-HN58X2408FPIAGE Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - HN58X2408FPIE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2408FPIAG RENESAS-HN58X2408FPIAG Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
R1EV58064BXXN RENESAS-R1EV58064BXXN Datasheet
691Kb / 25P
   64K EEPROM (8-Kword 횞 8-bit)
HN58X24128I RENESAS-HN58X24128I Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASA00A RENESAS-R1EX24064ASA00A Datasheet
171Kb / 22P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_15 Datasheet
825Kb / 26P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASA00I RENESAS-R1EX24064ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com