Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X24128TIE Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HN58X24128TIE
Description  Two-wire serial interface 128k EEPROM (16-kword8-bit) 256k EEPROM (32-kword8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X24128TIE Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HN58X24128TIE Datasheet HTML 7Page - Renesas Technology Corp HN58X24128TIE Datasheet HTML 8Page - Renesas Technology Corp HN58X24128TIE Datasheet HTML 9Page - Renesas Technology Corp HN58X24128TIE Datasheet HTML 10Page - Renesas Technology Corp HN58X24128TIE Datasheet HTML 11Page - Renesas Technology Corp HN58X24128TIE Datasheet HTML 12Page - Renesas Technology Corp HN58X24128TIE Datasheet HTML 13Page - Renesas Technology Corp HN58X24128TIE Datasheet HTML 14Page - Renesas Technology Corp HN58X24128TIE Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
HN58X24128I/HN58X24256I
Rev.4.00, Dec.14.2004, page 11 of 20
Device Addressing
The EEPROM device requires an 8-bit device address word following a start condition to enable the chip
for a read or a write operation. The device address word consists of 4-bit device code, 3-bit device address
code and 1-bit read/write(R/W) code. The most significant 4-bit of the device address word are used to
distinguish device type and this EEPROM uses “1010” fixed code. The device address word is followed
by the 3-bit device address code in the order of A2, A1, A0. The device address code selects one device
out of all devices which are connected to the bus. This means that the device is selected if the inputted 3-
bit device address code is equal to the corresponding hard-wired A2-A0 pin status. The eighth bit of the
device address word is the read/write(R/W) bit. A write operation is initiated if this bit is low and a read
operation is initiated if this bit is high. Upon a compare of the device address word, the EEPROM enters
the read or write operation after outputting the zero as an acknowledge. The EEPROM turns to a stand-by
state if the device code is not “1010” or device address code doesn’t coincide with status of the correspond
hard-wired device address pins A0 to A2.
Device Address Word
Device address word (8-bit)
Device code (fixed)
Device address code
R/W code*
1
128k, 256k
1
0
1
0
A2
A1
A0
R/W
Note:
1. R/W=“1” is read and R/W = “0” is write.


Similar Part No. - HN58X24128TIE

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X24128TI HITACHI-HN58X24128TI Datasheet
69Kb / 22P
   Two-wire serial interface, 128k EEPROM (16-kword x 8-bit), 256k EEPROM (32-kword x 8-bit)
More results

Similar Description - HN58X24128TIE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X25128FPIAG RENESAS-HN58X25128FPIAG_15 Datasheet
273Kb / 21P
   Serial Peripheral Interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
HN58X24256AS RENESAS-HN58X24256AS Datasheet
389Kb / 22P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A Datasheet
999Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASAS0I RENESAS-R1EX24256ASAS0I_10 Datasheet
725Kb / 26P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASA00I RENESAS-R1EX24256ASA00I Datasheet
173Kb / 22P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256BSAS0I RENESAS-R1EX24256BSAS0I Datasheet
997Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASAS0I RENESAS-R1EX24256ASAS0I Datasheet
181Kb / 24P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24128BSAS0I RENESAS-R1EX24128BSAS0I Datasheet
999Kb / 18P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
R1EX24128BSAS0I RENESAS-R1EX24128BSAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
R1EX24128ASAS0A RENESAS-R1EX24128ASAS0A Datasheet
183Kb / 24P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com