Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X2464TIE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HN58X2464TIE
Description  Two-wire serial interface 8k EEPROM (1-kword8-bit)/16k EEPROM (2-kword8-bit) 32k EEPROM (4-kword8-bit)/64k EEPROM (8-kword8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2464TIE Datasheet(HTML) 5 Page - Renesas Technology Corp

  HN58X2464TIE Datasheet HTML 1Page - Renesas Technology Corp HN58X2464TIE Datasheet HTML 2Page - Renesas Technology Corp HN58X2464TIE Datasheet HTML 3Page - Renesas Technology Corp HN58X2464TIE Datasheet HTML 4Page - Renesas Technology Corp HN58X2464TIE Datasheet HTML 5Page - Renesas Technology Corp HN58X2464TIE Datasheet HTML 6Page - Renesas Technology Corp HN58X2464TIE Datasheet HTML 7Page - Renesas Technology Corp HN58X2464TIE Datasheet HTML 8Page - Renesas Technology Corp HN58X2464TIE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
HN58X2408I/HN58X2416I/HN58X2432I/HN58X2464I
Rev.5.00, Jan.14.2005, page 5 of 20
AC Characteristics (Ta =
40 to +85°C, V
CC = 1.8 to 5.5 V)
Test Conditions
• Input pules levels:
 V
IL = 0.2
× V
CC
 V
IH = 0.8
× V
CC
• Input rise and fall time: ≤ 20 ns
• Input and output timing reference levels: 0.5 × V
CC
• Output load: TTL Gate + 100 pF
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Clock frequency
fSCL
400
kHz
Clock pulse width low
tLOW
1200
ns
Clock pulse width high
tHIGH
600
ns
Noise suppression time
tI
50
ns
1
Access time
tAA
100
900
ns
Bus free time for next mode
tBUF
1200
ns
Start hold time
tHD.STA
600
ns
Start setup time
tSU.STA
600
ns
Data in hold time
tHD.DAT
0
ns
Data in setup time
tSU.DAT
100
ns
Input rise time
tR
300
ns
1
Input fall time
tF
300
ns
1
Stop setup time
tSU.STO
600
ns
Data out hold time
tDH
50
ns
Write cycle time
VCC = 2.7 V to 5.5 V
tWC
10
ms
2
VCC = 1.8 V to 2.7 V
tWC
15
ms
2
Notes: 1. This parameter is sampled and not 100
% tested.
2. tWC is the time from a stop condition to the end of internally controlled write cycle.


Similar Part No. - HN58X2464TIE

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2464TI HITACHI-HN58X2464TI Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
More results

Similar Description - HN58X2464TIE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2408FPIAG RENESAS-HN58X2408FPIAG Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
R1EV58064BXXN RENESAS-R1EV58064BXXN Datasheet
691Kb / 25P
   64K EEPROM (8-Kword 횞 8-bit)
HN58X24128I RENESAS-HN58X24128I Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASA00A RENESAS-R1EX24064ASA00A Datasheet
171Kb / 22P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_15 Datasheet
825Kb / 26P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASA00I RENESAS-R1EX24064ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com