Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS669 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS669
Description  Synchronous Up / Down 4-bit Binary Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS669 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS669 Datasheet HTML 1Page - Renesas Technology Corp HD74LS669 Datasheet HTML 2Page - Renesas Technology Corp HD74LS669 Datasheet HTML 3Page - Renesas Technology Corp HD74LS669 Datasheet HTML 4Page - Renesas Technology Corp HD74LS669 Datasheet HTML 5Page - Renesas Technology Corp HD74LS669 Datasheet HTML 6Page - Renesas Technology Corp HD74LS669 Datasheet HTML 7Page - Renesas Technology Corp HD74LS669 Datasheet HTML 8Page - Renesas Technology Corp HD74LS669 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.2.00, Feb.18.2005, page 1 of 8
HD74LS669
Synchronous Up / Down 4-bit Binary Counter
REJ03D0493–0200
Rev.2.00
Feb.18.2005
This synchronous preset table 4-bit binary counter features an internal carry look-ahead for cascading in high-speed
counting applications. Synchronous operation is provided by having all flip-flops clocked simultaneously so that the
outputs change coincident with each other when so instructed by the count-enable inputs and internal gating. This mode
of operation helps eliminate the output counting spikes that are normally associated with asynchronous (ripple-clock)
counters. A buffered clock input trigger the four master-slave flip-flops on the rising (positive-going) edge of the clock
waveform. This counter is fully programmable; that is, the outputs may each be preset to either level. the load input
circuitry allows loading with the carry-enable output of cascaded counters. As loading is synchronous, setting up a low
level at the load input disables the counter and causes the outputs to agree with the data inputs after the next clock pulse.
The carry look-ahead circuitry provides for cascading counters for n-bit synchronous applications without additional
gating. Instrumental in accomplishing this function are two count enable inputs and a carry output. Both count enable
inputs (
P and T) must be low to count. The direction of the count is determined by the level of the up / down input.
when the input is high, the counter counts up; when low, it counts down. Input
T is fed forward to enable the carry
output. The carry output thus enabled will produce a low-level output pulse with a duration approximately equal to the
high portion of the QA output when counting up and approximately equal to the low portion of the QA output when
counting down. This low level overflow carry pulse can be used to enable successive cascaded stages.
Transitions at the enable
P or T inputs are allowed regardless of the level of the clock input. All inputs are diode-
clamped to minimize transmission-line effects, thereby simplifying system design. This counter features a fully
independent clock circuit. Changes at control inputs (enable P, enable T, load, up / down) that will modify the
operating mode have no effect until clocking occurs. The function of the counter (whether enabled, disabled, loading,
or counting) will be dictated solely by the conditions meeting the stable setup and hold times.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS669FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.


Similar Part No. - HD74LS669

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS669 HITACHI-HD74LS669 Datasheet
102Kb / 7P
   Synchronous Up/Down 4-bit Binary Counters
HD74LS669 HITACHI-HD74LS669 Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS669

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
[Old version datasheet]   4-Bit Synchronous Up/Down Binary Counter
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74AC11191 TI-74AC11191 Datasheet
138Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Fairchild Semiconductor
DM74AS169A FAIRCHILD-DM74AS169A Datasheet
61Kb / 6P
   Synchronous 4-Bit Binary Up/Down Counter
logo
National Semiconductor ...
54LS169 NSC-54LS169 Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
74AC11191 TI1-74AC11191_09 Datasheet
148Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com