Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV00A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LV00A
Description  Quad. 2-input NAND Gates
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV00A Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LV00A Datasheet HTML 1Page - Renesas Technology Corp HD74LV00A Datasheet HTML 2Page - Renesas Technology Corp HD74LV00A Datasheet HTML 3Page - Renesas Technology Corp HD74LV00A Datasheet HTML 4Page - Renesas Technology Corp HD74LV00A Datasheet HTML 5Page - Renesas Technology Corp HD74LV00A Datasheet HTML 6Page - Renesas Technology Corp HD74LV00A Datasheet HTML 7Page - Renesas Technology Corp HD74LV00A Datasheet HTML 8Page - Renesas Technology Corp HD74LV00A Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.3.00, May 20, 2004, page 1 of 8
HD74LV00A
Quad. 2-input NAND Gates
REJ03D0225–0300Z
(Previous ADE-205-240A (Z))
Rev.3.00
May 20, 2004
Description
The HD74LV00A has four two-input NAND gates in a 14-pin package.
Low-voltage and high-speed operation is suitable for the battery-powered products (e.g., notebook computers), and the
low-power consumption extends the battery life.
Features
• V
CC = 2.0 V to 5.5 V operation
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs V
O (Max.) = 5.5 V (@VCC = 0 V)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current
±6 mA (@VCC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LV00AFPEL
SOP–14 pin(JEITA)
FP–14DAV
FP
EL (2,000 pcs/reel)
HD74LV00ARPEL
SOP–14 pin(JEDEC)
FP–14DNV
RP
EL (2,500 pcs/reel)
HD74LV00ATELL
TSSOP–14 pin
TTP–14DV
T
ELL (2,000 pcs/reel)
Note: Please consult the sales office for the above package availability.
Function Table
Inputs
AB
Output Y
HH
L
LX
H
XL
H
Note:
H: High level
L: Low level
X: Immaterial


Similar Part No. - HD74LV00A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV00A HITACHI-HD74LV00A Datasheet
51Kb / 13P
   Quad. 2-input NAND Gates
logo
Renesas Technology Corp
HD74LV00AFPEL RENESAS-HD74LV00AFPEL Datasheet
91Kb / 11P
   Quad. 2-input NAND Gates
HD74LV00ARPEL RENESAS-HD74LV00ARPEL Datasheet
91Kb / 11P
   Quad. 2-input NAND Gates
HD74LV00ATELL RENESAS-HD74LV00ATELL Datasheet
91Kb / 11P
   Quad. 2-input NAND Gates
HD74LV00A RENESAS-HD74LV00A_15 Datasheet
91Kb / 11P
   Quad. 2-input NAND Gates
More results

Similar Description - HD74LV00A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS00 NSC-54LS00 Datasheet
120Kb / 6P
   Quad 2-Input NAND Gates
logo
Fairchild Semiconductor
DM7400 FAIRCHILD-DM7400 Datasheet
47Kb / 4P
   Quad 2-Input NAND Gates
logo
National Semiconductor ...
5400 NSC-5400 Datasheet
94Kb / 4P
   Quad 2-Input NAND Gates
logo
Renesas Technology Corp
HD74HC00 RENESAS-HD74HC00 Datasheet
91Kb / 7P
   Quad. 2-input NAND Gates
RD74LVC00B RENESAS-RD74LVC00B Datasheet
67Kb / 8P
   Quad 2-input NAND Gates
logo
National Semiconductor ...
DM54L00 NSC-DM54L00 Datasheet
82Kb / 4P
   Quad 2-Input NAND Gates
logo
List of Unclassifed Man...
GD54HC00 ETC1-GD54HC00 Datasheet
294Kb / 4P
   QUAD 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LV00A RENESAS-HD74LV00A_15 Datasheet
91Kb / 11P
   Quad. 2-input NAND Gates
RD74LVC00B RENESAS-RD74LVC00B_15 Datasheet
92Kb / 10P
   Quad. 2-input NAND Gates
logo
Hitachi Semiconductor
HD74LV00A HITACHI-HD74LV00A Datasheet
51Kb / 13P
   Quad. 2-input NAND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com