Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X2532FPIE Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HN58X2532FPIE
Description  Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2532FPIE Datasheet(HTML) 3 Page - Renesas Technology Corp

  HN58X2532FPIE Datasheet HTML 1Page - Renesas Technology Corp HN58X2532FPIE Datasheet HTML 2Page - Renesas Technology Corp HN58X2532FPIE Datasheet HTML 3Page - Renesas Technology Corp HN58X2532FPIE Datasheet HTML 4Page - Renesas Technology Corp HN58X2532FPIE Datasheet HTML 5Page - Renesas Technology Corp HN58X2532FPIE Datasheet HTML 6Page - Renesas Technology Corp HN58X2532FPIE Datasheet HTML 7Page - Renesas Technology Corp HN58X2532FPIE Datasheet HTML 8Page - Renesas Technology Corp HN58X2532FPIE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
HN58X2532I/HN58X2564I
Rev.3.00, Jul.06.2005, page 3 of 20
Block Diagram
High voltage generator
Memory array
Y-select & Sense amp.
Serial-parallel converter
VCC
VSS
S
W
C
HOLD
D
Q
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage relative to VSS
VCC
−0.6 to + 7.0
V
Input voltage relative to VSS
VIN
−0.5*
2 to +7.0*3
V
Operating temperature range*
1
Topr
−40 to +85
°C
Storage temperature range
Tstg
−65 to +125
°C
Notes: 1. Including electrical characteristics and data retention.
2. VIN (min):
−3.0 V for pulse width ≤ 50 ns.
3. Should not exceed VCC
+ 1.0 V.
DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
1.8
5.5
V
VSS
0
0
0
V
Input voltage
VIH
VCC
× 0.7
VCC
+ 0.5*
2
V
VIL
−0.3*
1
VCC
× 0.3
V
Operating temperature range
Topr
−40
+85
°C
Notes: 1. VIN (min):
−1.0 V for pulse width ≤ 50 ns.
2. VIN (max): VCC + 1.0 V for pulse width
≤ 50 ns.


Similar Part No. - HN58X2532FPIE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2532FPIAG RENESAS-HN58X2532FPIAG Datasheet
590Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - HN58X2532FPIE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X25128IAG RENESAS-HN58X25128IAG Datasheet
598Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00A RENESAS-R1EX25002ASA00A Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502I RENESAS-HN58X2502I Datasheet
177Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00I RENESAS-R1EX25002ASA00I Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502IAG RENESAS-HN58X2502IAG Datasheet
561Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00I RENESAS-R1EX25032ASA00I Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com