Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2308LX2YMKB Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM2308LX2YMKB
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2308LX2YMKB Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM2308LX2YMKB Datasheet HTML 7Page - Power Analog Micoelectronics PAM2308LX2YMKB Datasheet HTML 8Page - Power Analog Micoelectronics PAM2308LX2YMKB Datasheet HTML 9Page - Power Analog Micoelectronics PAM2308LX2YMKB Datasheet HTML 10Page - Power Analog Micoelectronics PAM2308LX2YMKB Datasheet HTML 11Page - Power Analog Micoelectronics PAM2308LX2YMKB Datasheet HTML 12Page - Power Analog Micoelectronics PAM2308LX2YMKB Datasheet HTML 13Page - Power Analog Micoelectronics PAM2308LX2YMKB Datasheet HTML 14Page - Power Analog Micoelectronics PAM2308LX2YMKB Datasheet HTML 15Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Information
The basic PAM2308 application circuit is shown
in Page 1. External component selection is
determined by the load requirement, selecting L
first and then Cin and Cout.
For most applications, the value of the inductor
will fall in the range of 1μH to 4.7μH. Its value is
chosen based on the desired ripple current.
Large value inductors lower ripple current and
small value inductors result in higher ripple
currents. Higher V
or Vout also increases the
ripple current as shown in equation 1. A
reasonable starting point for setting ripple
current is
I = 400mA (40% of 1A).
(1)
The DC current rating of the inductor should be
at least equal to the maximum load current plus
half the ripple current to prevent core saturation.
Thus, a 1.4A rated inductor should be enough for
most applications (1A + 400mA). For better
efficiency, choose a low DC-resis tance inductor.
In continuous mode, the source current of the top
MOSFET is a square wave of duty cycle
Vout/Vin. To prevent large voltage transients, a
low ESR input capacitor sized for the maximum
RMS current must be used. The maximum RMS
capacitor current is given by:
This formula has a maximum at V
=2Vout,
where I
=I
/2. T his simple worst-case
condition is com monly used for design because
even significant deviations do not offer much
relief. Note that the capacitor manufacturer's
ripple current ratings are often based on 2000
hours of life. This makes it advisable to further
derate the capacitor, or choose a capacitor rated
at a higher temperature than required. Consult
the manufac turer if there is any question.
The selection of Cout is driven by the required
effective series resistance (ESR).
Typically, once the ESR requirement for Cout
has been met, the RMS current rating generally
far exceeds the I
(P-P) requirement. The
output ripple
Vout is determined by:
Where f = operating frequency, C
=output
capacitance and
I
= ripple current in the
inductor. For a fixed output voltage, the output
ripple is highest at maximum input voltage since
I increases with input voltage.
Higher values, lower cost ceramic capacitors are
now becoming available in smaller case sizes.
Their high ripple current, high voltage rating and
low ESR make them ideal for switching regulator
applications. Using ceramic capacitors can
achieve very low output ripple and small circuit
size.
When choosing the input and output ceramic
capacitors, choose the X5R or X7R dielectric
formulations. These dielectrics have the best
temperature and voltage charac teristics of all
the ceramics for a given value and size.
Inductor Selection
C and C
Selection
Using Ceramic Input and Output Capacitors
IN
L
IN
RMS
O UT
RIPPLE
OUT
L
L
IN
OUT
Δ
Δ
Thermal consideration
Thermal protection limits power dissipation in
the PAM2308. When the junction temperature
exceeds 150°C, the OTP (Over Temperature
Protection) starts the thermal shutdown and
turns the pass transistor off. The pass transistor
resumes
operation
after
t he
junction
temperature drops below 120°C.
For c ontinuous operation, the j unction
temperature should be maintained below 125°C.
The power dissipation is defined as:
I is the step-down converter quiescent current.
The term tsw is used to estimate the full load
step-down converter switching losses.
Q
()
1
2
OUT
IN
OUT
IN
RMS
OMAX
IN
VV
V
C required I
I
V
-
éù
ëû
@
OUT
L
OUT
1
VI ESR+
8fC
æö
@
ç÷
èø
VV
()( )
æö
D
ç÷
èø
OUT
OUT
L
IN
1V
I=
V
1-
fL
V
()
()
O
DSONH
IN
O
DSONL
2
DO
SW
S O
Q
IN
IN
VR
+ V -V
R
P=I
+ t
F I +I
V
V
Vo
1.2V
1.5V
1.8V
2.5V
3.3V
L
2.2μH
2.2μH
2.2μH
4.7μH
4.7μH
11
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2308
Dual High-Efficiency PWM Step-Down DC-DC Coverter
07/2008 Rev 1.0


Similar Part No. - PAM2308LX2YMKB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2308BYM DIODES-PAM2308BYM Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
More results

Similar Description - PAM2308LX2YMKB

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2306 PAM-PAM2306 Datasheet
407Kb / 15P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
PAM2306D PAM-PAM2306D Datasheet
336Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
PAM2319 PAM-PAM2319 Datasheet
301Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com