Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1G00A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LV1G00A
Description  2-input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G00A Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LV1G00A_08 Datasheet HTML 1Page - Renesas Technology Corp HD74LV1G00A_08 Datasheet HTML 2Page - Renesas Technology Corp HD74LV1G00A_08 Datasheet HTML 3Page - Renesas Technology Corp HD74LV1G00A_08 Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G00A_08 Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G00A_08 Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G00A_08 Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G00A_08 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD74LV1G00A
REJ03D0062-0800 Rev.8.00, Mar 21, 2008
Page 3 of 7
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Test Conditions
Supply voltage range
VCC
–0.5 to 7.0
V
Input voltage range
*1
VI
–0.5 to 7.0
V
–0.5 to VCC + 0.5
Output : H or L
Output voltage range
*1, 2
VO
–0.5 to 7.0
V
VCC : OFF
Input clamp current
IIK
–20
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±25
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or IGND
±50
mA
Maximum power dissipation
at Ta = 25°C (in still air)
*3
PT
200
mW
Storage temperature
Tstg
–65 to 150
°C
Notes:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore no two
of which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are
observed.
2. This value is limited to 5.5 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150°C.
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
VCC
1.65
5.5
V
Input voltage range
VI
0
5.5
V
Output voltage range
VO
0
VCC
V
1
VCC = 1.65 to 1.95 V
2
VCC = 2.3 to 2.7 V
6
VCC = 3.0 to 3.6 V
IOL
12
VCC = 4.5 to 5.5 V
–1
VCC = 1.65 to 1.95 V
–2
VCC = 2.3 to 2.7 V
–6
VCC = 3.0 to 3.6 V
Output current
IOH
–12
mA
VCC = 4.5 to 5.5 V
0
300
VCC = 1.65 to 1.95 V
0
200
VCC = 2.3 to 2.7 V
0
100
VCC = 3.0 to 3.6 V
Input transition rise or fall rate
∆t / ∆v
0
20
ns / V
VCC = 4.5 to 5.5 V
Operating free-air temperature
Ta
–40
85
°C
Note:
Unused or floating inputs must be held high or low.


Similar Part No. - HD74LV1G00A_08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G00A RENESAS-HD74LV1G00A_15 Datasheet
165Kb / 9P
   2?밿nput NAND Gate
More results

Similar Description - HD74LV1G00A_08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
   2-INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
logo
NXP Semiconductors
74AHC1G00 NXP-74AHC1G00 Datasheet
77Kb / 11P
   2-input NAND gate
Rev. 06-30 May 2007
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
   2-INPUT NAND GATE
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
   2-input NAND Gate
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com