Electronic Components Datasheet Search |
|
2SK1934-E Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
2SK1934-E Datasheet(HTML) 2 Page - Renesas Technology Corp |
2 / 7 page 2SK1934 Rev.2.00 Sep 07, 2005 page 2 of 6 Absolute Maximum Ratings (Ta = 25°C) Item Symbol Ratings Unit Drain to source voltage VDSS 1000 V Gate to source voltage VGSS ±30 V Drain current ID 8 A Drain peak current ID(pulse)* 1 24 A Body to drain diode reverse drain current IDR 8 A Channel dissipation Pch* 2 150 W Channel temperature Tch 150 °C Storage temperature Tstg –55 to +150 °C Notes: 1. PW ≤ 10 µs, duty cycle ≤ 1 % 2. Value at Tc = 25 °C Electrical Characteristics (Ta = 25°C) Item Symbol Min Typ Max Unit Test conditions Drain to source breakdown voltage V(BR)DSS 1000 — — V ID = 10 mA, VGS = 0 Gate to source breakdown voltage V(BR)GSS ±30 — — V IG = ±100 µA, VDS = 0 Gate to source leak current IGSS — — ±10 µA VGS = ±25 V, VDS = 0 Zero gate voltage drain current IDSS — — 250 µA VDS = 800 V, VGS = 0 Gate to source cutoff voltage VGS(off) 2.0 — 3.0 V ID = 1 mA, VDS = 10 V Static drain to source on state resistance RDS(on) — 1.2 1.6 Ω ID = 4 A, VGS = 10 V* 3 Forward transfer admittance |yfs| 4 6 — S ID = 4 A, VDS = 20 V* 3 Input capacitance Ciss — 2690 — pF Output capacitance Coss — 920 — pF Reverse transfer capacitance Crss — 375 — pF VDS = 10 V, VGS = 0, f = 1 MHz Turn-on delay time td(on) — 35 — ns Rise time tr — 135 — ns Turn-off delay time td(off) — 300 — ns Fall time tf — 205 — ns ID = 4 A, VGS = 10 V, RL = 7.5 Ω Body to drain diode forward voltage VDF — 0.9 — V IF = 8 A, VGS = 0 Body to drain diode reverse recovery time trr — 1600 — µs IF = 8 A, VGS = 0, diF/dt = 100 A/ µs Note: 3. Pulse Test |
Similar Part No. - 2SK1934-E |
|
Similar Description - 2SK1934-E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |