Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS161AP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS161AP
Description  Synchronous 4-bit Binary Counter (direct clear)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS161AP Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS161AP Datasheet HTML 1Page - Renesas Technology Corp HD74LS161AP Datasheet HTML 2Page - Renesas Technology Corp HD74LS161AP Datasheet HTML 3Page - Renesas Technology Corp HD74LS161AP Datasheet HTML 4Page - Renesas Technology Corp HD74LS161AP Datasheet HTML 5Page - Renesas Technology Corp HD74LS161AP Datasheet HTML 6Page - Renesas Technology Corp HD74LS161AP Datasheet HTML 7Page - Renesas Technology Corp HD74LS161AP Datasheet HTML 8Page - Renesas Technology Corp HD74LS161AP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HD74LS161A
Rev.2.00, Feb.18.2005, page 5 of 10
Timing Method
Enable
P or T
Load
Clock
Data
Outputs
A to D
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
tsu
tw (CK)
th
tsu
th
tsu
th
0V
3V
0V
3V
0V
3V
0V
3V
Testing Method
Test Circuit
4.5V
QA
Load circuit 1
QA
VCC
RL
CL
Input
P.G.
Zout = 50
Input
P.G.
Zout = 50
A
B
C
D
CK
P
T
CLR
Load
QC
QD
QB
Same as Load Circuit 1.
QB
Same as Load Circuit 1.
QC
Same as Load Circuit 1.
QD
Ripple
Carry
Ripple
Carry
Same as Load Circuit 1.
Notes:
1.
CL includes probe and jig capacitance.
2.
All diodes are 1S2074(H).


Similar Part No. - HD74LS161AP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS161A HITACHI-HD74LS161A Datasheet
106Kb / 7P
   Synchronous 4-bit Binary Counters(direct clear)
HD74LS161A HITACHI-HD74LS161A Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS161AP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LS163A RENESAS-HD74LS163A Datasheet
199Kb / 12P
   Synchronous 4-bit Binary Counter (direct clear)
HD74LV161A RENESAS-HD74LV161A_15 Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Hitachi Semiconductor
HD74HC160 HITACHI-HD74HC160 Datasheet
90Kb / 16P
   Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Fairchild Semiconductor
74VHC163 FAIRCHILD-74VHC163 Datasheet
123Kb / 10P
   4-Bit Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74LS161A HITACHI-HD74LS161A Datasheet
106Kb / 7P
   Synchronous 4-bit Binary Counters(direct clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com