Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1GW53A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LV1GW53A
Description  2-channel Analog Multiplexer / Demultiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1GW53A Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74LV1GW53A_06 Datasheet HTML 1Page - Renesas Technology Corp HD74LV1GW53A_06 Datasheet HTML 2Page - Renesas Technology Corp HD74LV1GW53A_06 Datasheet HTML 3Page - Renesas Technology Corp HD74LV1GW53A_06 Datasheet HTML 4Page - Renesas Technology Corp HD74LV1GW53A_06 Datasheet HTML 5Page - Renesas Technology Corp HD74LV1GW53A_06 Datasheet HTML 6Page - Renesas Technology Corp HD74LV1GW53A_06 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HD74LV1GW53A
Rev.2.00, May 19, 2006 page 6 of 6
VCC
VCC
VCC
GND
GND
Item
S1
S2
tZH
R =
1 k
L
C =15 or
50 pF
L
VOH
VCC
GND
GND
tf
90%
90%
50%
50%
50%
tZH
10%
10%
Yn
V
–0.3 V
OH
V
+0.3 V
OL
VA
VCC
GND
tZL
VCC
GND
tHZ
VCC
GND
tLZ
S1
R =
1 k
L
S2
tHZ
50%
VOL
VCC
tZL
tLZ
Yn
• t
,t
/ t
,t
ZH
ZL
HZ
LZ
tr
VA
Notes: 1. Input waveform : PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
2. Waveform – A is for an output with internal conditions such that the output is low
except when disabled by the output control.
3. Waveform – B is for an output with internal conditions such that the output is high
except when disabled by the output control.
4. The output are measured one at a time with one transition per measurement.
COM
Package Dimensions
S
y
e
A
EHE
L
L1
Q
c
D
b
AA
Pattern of terminal position areas
b2
l1
e1
e
A3
LP
S
A
A2
A1
A
A1
A2
b
c
D
E
e
HE
L
LP
x
y
b2
e1
l1
Q
0.8
0
0.8
0.15
0.1
1.8
1.15
2.0
0.3
0.2
0.2
0.25
0.9
0.15
2.0
1.25
0.65
2.1
1.5
0.25
1.1
0.1
1.0
0.25
0.25
2.2
1.35
2.2
0.7
L1
0.1
0.5
0.6
0.05
0.05
0.35
0.9
Dimension in Millimeters
Reference
Symbol
Min
Nom
Max
A3
A
S
M
x
SC-88
0.006g
MASS[Typ.]
CMPAK-6 / CMPAK-6V
PTSP0006JA-A
RENESAS Code
JEITA Package Code
Previous Code
b
A-A Section
c
Package Name
CMPAK-6


Similar Part No. - HD74LV1GW53A_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW53ACME RENESAS-HD74LV1GW53ACME Datasheet
86Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
More results

Similar Description - HD74LV1GW53A_06

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com