Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1GW97ACME Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LV1GW97ACME
Description  Configurable Multiple-Function Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1GW97ACME Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LV1GW97ACME Datasheet HTML 1Page - Renesas Technology Corp HD74LV1GW97ACME Datasheet HTML 2Page - Renesas Technology Corp HD74LV1GW97ACME Datasheet HTML 3Page - Renesas Technology Corp HD74LV1GW97ACME Datasheet HTML 4Page - Renesas Technology Corp HD74LV1GW97ACME Datasheet HTML 5Page - Renesas Technology Corp HD74LV1GW97ACME Datasheet HTML 6Page - Renesas Technology Corp HD74LV1GW97ACME Datasheet HTML 7Page - Renesas Technology Corp HD74LV1GW97ACME Datasheet HTML 8Page - Renesas Technology Corp HD74LV1GW97ACME Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74LV1GW97A
Rev.3.00, May 19, 2006 page 5 of 8
Electrical Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test condition
1.65 to 1.95
VCC
×0.75
2.5
1.75
3.3
2.31
VT
+
5.0
3.50
1.65 to 1.95
VCC
×0.25
2.5
0.75
3.3
0.99
VT
5.0
1.5
1.65 to 1.95
0.1
VCC
×0.4
2.5
0.25
1.0
3.3
0.33
1.32
Threshold
voltage
∆VT
5.0
0.5
2.0
V
Min to Max
VCC–0.1
IOH = –50
µA
1.65
1.4
IOH = –1 mA
2.3
2.0
IOH = –2 mA
3.0
2.48
IOH = –6 mA
VOH
4.5
3.8
IOH = –12 mA
Min to Max
0.1
IOL = 50
µA
1.65
0.3
IOL = 1 mA
2.3
0.4
IOL = 2 mA
3.0
0.44
IOL = 6 mA
Output voltage
VOL
4.5
0.55
V
IOL = 12 mA
Input current
IIN
0 to 5.5
±1
µA VIN = 5.5 V or GND
Quiescent
supply current
ICC
5.5
10
µA
VIN = VCC or GND,
IO = 0
Output leakage
current
IOFF
0
5
µA VIN or VO = 0 to 5.5 V
Input capacitance
CIN
3.3
3.0
pF
VIN = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.


Similar Part No. - HD74LV1GW97ACME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A_15 Datasheet
168Kb / 9P
   Configurable Multiple?밊unction Gate
More results

Similar Description - HD74LV1GW97ACME

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Renesas Technology Corp
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com