Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV74A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LV74A
Description  Dual D-type Flip Flops with Preset and Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV74A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LV74A Datasheet HTML 2Page - Renesas Technology Corp HD74LV74A Datasheet HTML 3Page - Renesas Technology Corp HD74LV74A Datasheet HTML 4Page - Renesas Technology Corp HD74LV74A Datasheet HTML 5Page - Renesas Technology Corp HD74LV74A Datasheet HTML 6Page - Renesas Technology Corp HD74LV74A Datasheet HTML 7Page - Renesas Technology Corp HD74LV74A Datasheet HTML 8Page - Renesas Technology Corp HD74LV74A Datasheet HTML 9Page - Renesas Technology Corp HD74LV74A Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HD74LV74A
Rev.3.00 Jun. 02, 2004 page 6 of 9
Operating Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
3.3
21.0
Power dissipation capacitance
CPD
5.0
23.0
pF
f = 10 MHz
Noise Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
Quiet output, maximum
dynamic VOL
VOL (P)
3.3
0.1
0.8
V
Quiet output, minimum
dynamic VOL
VOL (V)
3.3
0
–0.8
V
Quiet output, minimum
dynamic VOH
VOH (V)
3.3
3.2
V
High-level dynamic input
voltage
VIH (D)
3.3
2.31
——V
Low-level dynamic inout
voltage
VIL (D)
3.3
——0.99
V
Test Circuit
L
*
Measurement point
C
Note: C includes the probe and jig capacitance.
L


Similar Part No. - HD74LV74A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV74A HITACHI-HD74LV74A Datasheet
66Kb / 16P
   Dual D-type Flip Flops with Preset and Clear
logo
Renesas Technology Corp
HD74LV74AFPEL RENESAS-HD74LV74AFPEL Datasheet
108Kb / 12P
   Dual D?뱓ype Flip Flops with Preset and Clear
HD74LV74ARPEL RENESAS-HD74LV74ARPEL Datasheet
108Kb / 12P
   Dual D?뱓ype Flip Flops with Preset and Clear
HD74LV74ATELL RENESAS-HD74LV74ATELL Datasheet
108Kb / 12P
   Dual D?뱓ype Flip Flops with Preset and Clear
HD74LV74A RENESAS-HD74LV74A_15 Datasheet
108Kb / 12P
   Dual D?뱓ype Flip Flops with Preset and Clear
More results

Similar Description - HD74LV74A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC74 RENESAS-HD74HC74 Datasheet
108Kb / 8P
   Dual D-type Flip-Flops (with Preset and Clear)
RD74LVC74B RENESAS-RD74LVC74B Datasheet
112Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
logo
Hitachi Semiconductor
HD74LVC74 HITACHI-HD74LVC74 Datasheet
48Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
HD74HC74 HITACHI-HD74HC74 Datasheet
58Kb / 9P
   Dual D-type Flip-Flops (with Preset and Clear)
logo
Renesas Technology Corp
RD74LVC74B RENESAS-RD74LVC74B_15 Datasheet
131Kb / 11P
   Dual D-type Flip Flops with Preset and Clear
HD74LVC74 RENESAS-HD74LVC74 Datasheet
189Kb / 7P
   Dual D-type Flip Flops with Preset and Clear
logo
Hitachi Semiconductor
HD74LV74A HITACHI-HD74LV74A Datasheet
66Kb / 16P
   Dual D-type Flip Flops with Preset and Clear
logo
Renesas Technology Corp
HD74HC74 RENESAS-HD74HC74_15 Datasheet
169Kb / 10P
   Dual D-type Flip-Flops (with Preset and Clear)
logo
Aeroflex Circuit Techno...
UT54ACTS74E AEROFLEX-UT54ACTS74E Datasheet
131Kb / 9P
   Dual D Flip-Flops with Clear and Preset
UT54ACS74 AEROFLEX-UT54ACS74 Datasheet
238Kb / 10P
   Dual D Flip-Flops with Clear & Preset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com