Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS365A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS365A
Description  Hex Bus Drivers (with three-state outputs)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS365A Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS365A Datasheet HTML 1Page - Renesas Technology Corp HD74LS365A Datasheet HTML 2Page - Renesas Technology Corp HD74LS365A Datasheet HTML 3Page - Renesas Technology Corp HD74LS365A Datasheet HTML 4Page - Renesas Technology Corp HD74LS365A Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HD74LS365A
Rev.2.00, Feb.18.2005, page 4 of 4
Package Dimensions
0.80
0.15
1.27
7.50
8.00
0.40
0.34
p
A 1
10.5
FP-16DAV
RENESAS Code
JEITA Package Code
Previous Code
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
2.20
0.90
0.70
0.50
5.50
0.20
0.10
0.00
0.46
0.25
0.20
0.15
7.80
8
°
0
°
0.12
1.15
10.06
0.24g
MASS[Typ.]
1
E
1
1
2
L
Z
H
y
x
θ
c
b
A
E
D
b
c
e
L
A
P-SOP16-5.5x10.06-1.27
PRSP0016DH-B
*1
8
1
16
9
xM
p
*3
y
F
Index mark
b
D
Z
Terminal cross section
( Ni/Pd/Au plating )
p
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
e


Similar Part No. - HD74LS365A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS365A HITACHI-HD74LS365A Datasheet
52Kb / 6P
   Hex Bus Drivers(with three-state outputs)
HD74LS365A HITACHI-HD74LS365A Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS365A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS366A HITACHI-HD74LS366A Datasheet
49Kb / 5P
   Hex Bus Drivers(with three-state outputs)
logo
Renesas Technology Corp
HD74LS366A RENESAS-HD74LS366A Datasheet
161Kb / 5P
   Hex Bus Drivers (with three-state outputs)
logo
Hitachi Semiconductor
HD74LS365A HITACHI-HD74LS365A Datasheet
52Kb / 6P
   Hex Bus Drivers(with three-state outputs)
logo
Renesas Technology Corp
HD74LS368A RENESAS-HD74LS368A Datasheet
64Kb / 6P
   Hex Bus Drivers (inverted data outputs with three-state outputs)
logo
Hitachi Semiconductor
HD74LS368A HITACHI-HD74LS368A Datasheet
54Kb / 6P
   Hex Bus Drivers(inverted data outputs with three-state outputs)
HD74LS367A HITACHI-HD74LS367A Datasheet
54Kb / 6P
   Hex Bus Drivers(non-inverted data outputs with three-state outputs)
HD74HC365 HITACHI-HD74HC365 Datasheet
44Kb / 8P
   Hex Bus Drivers (with 3-state outputs)
logo
Texas Instruments
SN54365A TI-SN54365A_08 Datasheet
835Kb / 24P
[Old version datasheet]   HEX BUS DRIVERS WITH 3-STATE OUTPUTS
SN54365A TI1-SN54365A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX BUS DRIVERS WITH 3 STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC366 HITACHI-HD74HC366 Datasheet
45Kb / 8P
   Hex Bus Drivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com