Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2425-E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SK2425-E
Description  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2425-E Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SK2425-E Datasheet HTML 1Page - Renesas Technology Corp 2SK2425-E Datasheet HTML 2Page - Renesas Technology Corp 2SK2425-E Datasheet HTML 3Page - Renesas Technology Corp 2SK2425-E Datasheet HTML 4Page - Renesas Technology Corp 2SK2425-E Datasheet HTML 5Page - Renesas Technology Corp 2SK2425-E Datasheet HTML 6Page - Renesas Technology Corp 2SK2425-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SK2425
Rev.2.00 Sep 07, 2005 page 4 of 6
Case Temperature Tc (
°C)
– 40
0
40
80
120
160
0
0.4
0.8
1.2
1.6
2.0
5 A
2 A
Pulse Test
VGS = 10 V
ID = 10 A
Static Drain to Source on State Resistance
vs. Temperature
Drain Current ID (A)
0.1
0.2
0.5
1
2
510
0.5
1
2
5
10
20
50
Pulse Test
VDS = 10 V
Tc = 75
°C
25
°C
–25
°C
Forward Transfer Admittance
vs. Drain Current
Reverse Drain Current IDR (A)
0.2
0.5
1
2
5
10
20
5
10
20
50
100
200
500
di / dt = 100 A /
µs
VGS = 0, Ta = 25°C
Body to Drain Diode Reverse
Recovery Time
Drain to Source Voltage VDS (V)
010
20
30
40
50
1
10
100
1000
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
Typical Capacitance vs. Drain
Source Voltage
Gate Charge Qg (nc)
08
500
0
4
8
12
16
20
100 V
100 V
50 V
ID = 7 A
VGS
VDD = 50 V
VDD = 200 V
VDS
200 V
400
300
200
100
16
24
32
40
Dynamic Input Characteristics
Drain Current ID (A)
0.1
0.2
0.5
1
2
5
10
10
20
50
100
200
500
VGS = 10 V, VDD = 30 V
PW = 2
µs, duty ≤ 1 %
td (off)
tf
tr
td (on)
5
Switching Characteristics


Similar Part No. - 2SK2425-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK2425 HITACHI-2SK2425 Datasheet
28Kb / 5P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK2425 ISC-2SK2425 Datasheet
60Kb / 2P
   Fast Switching Speed
More results

Similar Description - 2SK2425-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com