Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2569ZN-TR-E Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SK2569ZN-TR-E
Description  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2569ZN-TR-E Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SK2569ZN-TR-E Datasheet HTML 1Page - Renesas Technology Corp 2SK2569ZN-TR-E Datasheet HTML 2Page - Renesas Technology Corp 2SK2569ZN-TR-E Datasheet HTML 3Page - Renesas Technology Corp 2SK2569ZN-TR-E Datasheet HTML 4Page - Renesas Technology Corp 2SK2569ZN-TR-E Datasheet HTML 5Page - Renesas Technology Corp 2SK2569ZN-TR-E Datasheet HTML 6Page - Renesas Technology Corp 2SK2569ZN-TR-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.3.00 Dec 27, 2006 page 1 of 6
2SK2569
Silicon N Channel MOS FET
REJ03G1018-0300
Rev.3.00
Dec 27, 2006
Application
High speed power switching
Features
• Low on-resistance.
• R
DS(on) = 2.6
Ω max. (at V
GS = 4 V, ID = 100 mA)
• 2.5 V gate drive device.
• Small package (MPAK).
Outline
RENESAS Package code: PLSP0003ZB-A
(Package name: MPAK)
1. Source
2. Gate
3. Drain
S
D
G
2
1
3
Note:
Marking is "ZN–"


Similar Part No. - 2SK2569ZN-TR-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK2569 HITACHI-2SK2569 Datasheet
40Kb / 8P
   Silicon N-Channel MOS FET
More results

Similar Description - 2SK2569ZN-TR-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com