Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3000 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SK3000
Description  Silicon N Channel MOS FET Low Frequency Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3000 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK3000 Datasheet HTML 1Page - Renesas Technology Corp 2SK3000 Datasheet HTML 2Page - Renesas Technology Corp 2SK3000 Datasheet HTML 3Page - Renesas Technology Corp 2SK3000 Datasheet HTML 4Page - Renesas Technology Corp 2SK3000 Datasheet HTML 5Page - Renesas Technology Corp 2SK3000 Datasheet HTML 6Page - Renesas Technology Corp 2SK3000 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK3000
Rev.3.00, Jun.16.2004, page 3 of 6
Main Characteristics
110
50
0
24
6
8
10
0
12
34
5
0.8
0.6
0.4
0.2
0
50
100
150
200
5
2
1
0.2
0.1
0.5
0.02
0.01
0.05
0.05
0.2
0.5
2
5
20
Tc = –25
°C
125
°C
25
°C
100 200
50
µs
1 ms
10
ms
Ta = 25
°C
Note4 : When using the glass epoxy board
(10mm x 10mm x 1mm )
t
Ambient Temperature
Ta (
°C)
Power vs. Temperature Derating
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
Drain to Source Voltage
V
(V)
DS
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
V
= 5 V
Pulse Test
DS
Operation in
this area is
limited by R DS(on)
5.0
4.0
3.0
2.0
1.0
10
1
100m
10m
1m
5 V
V
= 2.5 V
GS
6 V
4.5 V
10 V
4 V
3 V
3.5 V
Pulse Test
100
µ
1.0
0.8
0.6
0.4
0.2
0
48
12
16
20
0.01
1
0.1
10
3
1
0.1
0.3
0.03
0.01
10
I
= 2 A
D
1 A
0.45 A
0.03
0.3
3
V
= 4 V
GS
10 V
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Static Drain to Source on State Resistance
vs. Drain Current
Pulse Test
Pulse Test


Similar Part No. - 2SK3000

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3000 HITACHI-2SK3000 Datasheet
47Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Guangdong Kexin Industr...
2SK3000-3 KEXIN-2SK3000-3 Datasheet
146Kb / 4P
   N-Channel Enhancement MOSFET
logo
Renesas Technology Corp
2SK3000 RENESAS-2SK3000_15 Datasheet
173Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
More results

Similar Description - 2SK3000

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK2802 HITACHI-2SK2802 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Renesas Technology Corp
2SK3000 RENESAS-2SK3000_15 Datasheet
173Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
2SK2570 RENESAS-2SK2570 Datasheet
172Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Hitachi Semiconductor
2SK2570 HITACHI-2SK2570 Datasheet
40Kb / 8P
   Silicon N-Channel MOS FET Low Frequency Power Switching
2SK3000 HITACHI-2SK3000 Datasheet
47Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com