Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1LV0408C-I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R1LV0408C-I
Description  Wide Temperature Range Version 4M SRAM (512-kword8-bit)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV0408C-I Datasheet(HTML) 2 Page - Renesas Technology Corp

  R1LV0408C-I Datasheet HTML 1Page - Renesas Technology Corp R1LV0408C-I Datasheet HTML 2Page - Renesas Technology Corp R1LV0408C-I Datasheet HTML 3Page - Renesas Technology Corp R1LV0408C-I Datasheet HTML 4Page - Renesas Technology Corp R1LV0408C-I Datasheet HTML 5Page - Renesas Technology Corp R1LV0408C-I Datasheet HTML 6Page - Renesas Technology Corp R1LV0408C-I Datasheet HTML 7Page - Renesas Technology Corp R1LV0408C-I Datasheet HTML 8Page - Renesas Technology Corp R1LV0408C-I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
R1LV0408C-I Series
Rev.2.00, May.25.2004, page 2 of 12
Ordering Information
Type No.
Access time
Package
R1LV0408CSP-5SI
55 ns
525-mil 32-pin plastic SOP (32P2M-A)
R1LV0408CSP-7LI
70 ns
R1LV0408CSB-5SI
55 ns
400-mil 32-pin plastic TSOP II (32P3Y-H)
R1LV0408CSB-7LI
70 ns
R1LV0408CSA-5SI
55 ns
8mm
× 13.4mm STSOP (32P3K-B)
R1LV0408CSA-7LI
70 ns


Similar Part No. - R1LV0408C-I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
   4M SRAM (512-kword X 8-bit)
More results

Similar Description - R1LV0408C-I

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
REJ03C0098_R1LV0408C HITACHI-REJ03C0098_R1LV0408C Datasheet
94Kb / 14P
   Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
logo
Renesas Technology Corp
R1LP0408C-I RENESAS-R1LP0408C-I Datasheet
87Kb / 14P
   Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
R1RP0408DI RENESAS-R1RP0408DI Datasheet
79Kb / 12P
   Wide Temperature Range Version 4M High Speed SRAM (512-kword 횞 8-bit)
R1RW0408DI RENESAS-R1RW0408DI_15 Datasheet
102Kb / 14P
   Wide Temperature Range Version 4M High Speed SRAM (512-kword 횞 8-bit)
R1RW0408DI RENESAS-R1RW0408DI Datasheet
79Kb / 12P
   Wide Temperature Range Version 4M High Speed SRAM (512-kword 횞 8-bit)
HM628511HCI RENESAS-HM628511HCI Datasheet
174Kb / 14P
   Wide Temperature Range Version 4M High Speed SRAM (512-kword 횞 8-bit)
logo
Hitachi Semiconductor
R1LP0408C HITACHI-R1LP0408C Datasheet
78Kb / 14P
   Wide Temperature Range Version 4 M SRAM (512-kword 횞 8-bit)
logo
Renesas Technology Corp
R1LV0414C-I RENESAS-R1LV0414C-I Datasheet
113Kb / 13P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0416CBG-I RENESAS-R1LV0416CBG-I Datasheet
146Kb / 16P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0416C-I RENESAS-R1LV0416C-I Datasheet
116Kb / 18P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com