Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1LP0408CSB-5SI Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R1LP0408CSB-5SI
Description  Wide Temperature Range Version 4M SRAM (512-kword8-bit)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LP0408CSB-5SI Datasheet(HTML) 1 Page - Renesas Technology Corp

  R1LP0408CSB-5SI Datasheet HTML 1Page - Renesas Technology Corp R1LP0408CSB-5SI Datasheet HTML 2Page - Renesas Technology Corp R1LP0408CSB-5SI Datasheet HTML 3Page - Renesas Technology Corp R1LP0408CSB-5SI Datasheet HTML 4Page - Renesas Technology Corp R1LP0408CSB-5SI Datasheet HTML 5Page - Renesas Technology Corp R1LP0408CSB-5SI Datasheet HTML 6Page - Renesas Technology Corp R1LP0408CSB-5SI Datasheet HTML 7Page - Renesas Technology Corp R1LP0408CSB-5SI Datasheet HTML 8Page - Renesas Technology Corp R1LP0408CSB-5SI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev.2.00, May.26.2004, page 1 of 12
R1LP0408C-I Series
Wide Temperature Range Version
4M SRAM (512-kword
× 8-bit)
REJ03C0067-0200Z
Rev. 2.00
May.26.2004
Description
The R1LP0408C-I is a 4-Mbit static RAM organized 512-kword
× 8-bit. R1LP0408C-I Series has realized
higher density, higher performance and low power consumption by employing CMOS process technology
(6-transistor memory cell). The R1LP0408C-I Series offers low power standby power dissipation;
therefore, it is suitable for battery backup systems. It has packaged in 32-pin SOP, 32-pin TSOP II.
Features
• Single 5 V supply: 5 V ± 10%
• Access time: 55/70 ns (max)
• Power dissipation:
 Active: 10 mW/MHz (typ)
 Standby: 4 µW (typ)
• Completely static memory.
 No clock or timing strobe required
• Equal access and cycle times
• Common data input and output.
 Three state output
• Directly TTL compatible.
 All inputs and outputs
• Battery backup operation.
• Operating temperature: −40 to +85°C


Similar Part No. - R1LP0408CSB-5SI

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
R1LP0408CSB-5SI HITACHI-R1LP0408CSB-5SI Datasheet
78Kb / 14P
   Wide Temperature Range Version 4 M SRAM (512-kword 횞 8-bit)
More results

Similar Description - R1LP0408CSB-5SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0408C-I RENESAS-R1LV0408C-I Datasheet
93Kb / 14P
   Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
logo
Hitachi Semiconductor
REJ03C0098_R1LV0408C HITACHI-REJ03C0098_R1LV0408C Datasheet
94Kb / 14P
   Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
logo
Renesas Technology Corp
R1RP0408DI RENESAS-R1RP0408DI Datasheet
79Kb / 12P
   Wide Temperature Range Version 4M High Speed SRAM (512-kword 횞 8-bit)
R1RW0408DI RENESAS-R1RW0408DI_15 Datasheet
102Kb / 14P
   Wide Temperature Range Version 4M High Speed SRAM (512-kword 횞 8-bit)
R1RW0408DI RENESAS-R1RW0408DI Datasheet
79Kb / 12P
   Wide Temperature Range Version 4M High Speed SRAM (512-kword 횞 8-bit)
HM628511HCI RENESAS-HM628511HCI Datasheet
174Kb / 14P
   Wide Temperature Range Version 4M High Speed SRAM (512-kword 횞 8-bit)
logo
Hitachi Semiconductor
R1LP0408C HITACHI-R1LP0408C Datasheet
78Kb / 14P
   Wide Temperature Range Version 4 M SRAM (512-kword 횞 8-bit)
logo
Renesas Technology Corp
R1LV0414C-I RENESAS-R1LV0414C-I Datasheet
113Kb / 13P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0416CBG-I RENESAS-R1LV0416CBG-I Datasheet
146Kb / 16P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0416C-I RENESAS-R1LV0416C-I Datasheet
116Kb / 18P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com